PART |
Description |
Maker |
121-101-2-2-06BEA 121-101-2-2-06BEC 121-101-2-2-06 |
Helical Convoluted Tubing Helical Convoluted Tubing
|
Glenair, Inc.
|
121-103-1-1-06BFSE 121-103-2-1-06BFSE 121-103-1-1- |
Helical Convoluted Tubing (MIL-T-81914)Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
|
Glenair, Inc.
|
120-103-1-2-06BE 120-103-1-2-06BF 120-103-1-2-06BK |
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type B - With External Black Dacron Braid
|
Glenair, Inc.
|
710-858 |
Direct Attachment Guardian Y Transition For Series 72 Annular Convoluted Tubing
|
Glenair, Inc.
|
189MS052N1512K 189MM052N1512K 189MN052N1512K 189MS |
Convoluted Tubing Backshell Convoluted Tubing Backshell
|
Glenair, Inc.
|
713-356 |
Composite Self-Locking EMI/RFI Environmental Connector Adapter for Series 72 Annular Convoluted Tubing
|
Glenair, Inc.
|
712-839 |
Metal Self- Locking EMI/RFI Environmental Connector Adapter for Series 72 Annular Convoluted Tubing Metal Self- Locking EMI/RFI Environmental Connector Adapter for Series 72 Annular Convoluted Tubing
|
Glenair, Inc.
|
GLT5640AL16P-5.5TC GLT5640AL16P-6TC GLT5640AL16P-7 |
TUBE, SHR, POL, 063/031, BLK, 017, 600V, 135C, (934872) 4米16个CMOS同步动态随机存储器 TUBING SHRINK BLK IRRAD-PFIN 1/16 ID HEAT SHRINK TUBING, 2.4MM POLYOLEFIN, BLACK TBG H/SHRINK FP 1/16 BLK HEAT SHRINK TUBING 1/8 IN SHRINK TUBING D=12 TUBING, HEAT SHRINK, 0.187 ID UL224 BLK SHRINK TUBING, .093X..046IDX.020, BLK 4M X 16 CMOS Synchronous Dynamic RAM
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
5HW-125055F-1305 |
Helical Filters, Leaded
|
TOKO, Inc
|
MAF84X1 MAB84X1 MAF84AX1 |
Shrink Tubing; Tubing Size Diameter:1"; Shrink Temperature:100 C; Wall Thickness Recovered Nominal:0.035"; Inner Diameter Max Recovered:0.500"; Expanded Inner Diameter:1.000"; Material:Polyolefin; Approval Bodies:UL, CSA 单芯位微控制 SINGLE CHIP 8 BIT MICROCONTROLLER
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
TT67214A-815M |
Specimen Specification 815MHz HELICAL FILTER
|
EUROQUARTZ limited
|
2SC5809 |
Shrink Tubing; Tubing Size Diameter:0.75"; Wall Thickness Recovered Nominal:0.065"; Inner Diameter Max Recovered:0.313"; Expanded Inner Diameter:0.750"; Material:Polyolefin 3 A, 500 V, NPN, Si, POWER TRANSISTOR, TO-220AB Power Device - Power Transistors - Swicthing
|
Panasonic, Corp.
|
|