PART |
Description |
Maker |
SP310A SP310ACP SP310ACT SP310ACX SP310AEP SP310AE |
Enhanced RS-232 Line Drivers/Receivers From old datasheet system 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 Enhanced RS-232 Line Drivers/Receivers(澧?己??S-232绾块┍?ㄥ?/?ユ???2???讹?)
|
SIPEX[Sipex Corporation] Maxim Integrated Products, Inc. Cypress Semiconductor, Corp.
|
SP232A05 SP312AET_TR SP232AET_TR SP310AET_TR SP232 |
Enhanced RS-232 Line Drivers/Receivers
|
Sipex Corporation
|
SP232AEN-L SP232AEN-L_TR SP232ACN-L SP232ACN-L_TR |
Enhanced RS-232 Line Drivers/Receivers
|
Exar Corporation
|
ICL322406 ICL3244 ICL3224 ICL3226 ICL3238 ICL3238I |
1µA, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown; Temperature Range: 0°C to 70°C; Package: 20-SSOP DUAL LINE TRANSCEIVER, PDSO20 1µA, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown; Temperature Range: 0°C to 70°C; Package: 16-SSOP LINE TRANSCEIVER, PDSO16 1µA, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown; Temperature Range: -40°C to 85°C; Package: 16-SSOP T&R LINE TRANSCEIVER, PDSO16 1µA, 3V To 5.5V, 250kbps, RS-232 Transceivers With Enhanced Automatic Powerdown; Temperature Range: -40°C to 85°C; Package: 28-SSOP T&R 5 LINE TRANSCEIVER, PDSO28 1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ADM202 ADM202JRN-REEL ADM202JRN-REEL7 ADM202JRNZ A |
High-Speed, 5 V, 0.1 uF CMOS RS-232 Driver/Receivers 5V, 0.1 F CMOS RS-232 200kBPS Transceiver with 2 Drivers & 2 Receivers 5V, 0.1 µF CMOS RS-232 200kBPS Transceiver with 2 Drivers & 2 Receivers 5V, 0.1 µF CMOS RS-232 200kBPS Transceiver with 2 Drivers & 2 Receivers DUAL LINE TRANSCEIVER, PDSO16 5V, 0.1 µF CMOS RS-232 200kBPS Transceiver with 2 Drivers & 2 Receivers DUAL LINE TRANSCEIVER, PDIP16 High-Speed, 5 V, 0.1 F CMOS RS-232 Driver/Receivers High Speed, 5 V, 0.1 F CMOS RS-232 Driver/Receiver
|
Analog Devices, Inc.
|
UT232AG-S16-R UT232AG-D16-T |
HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
|
Unisonic Technologies
|
ADM3311E ADM3307E ADM3315E ADM3310E ADM3312E |
ADM3307E/ADM3310E-12E/3315E:15 kV ESD Protected. 2.7V to 3.6V Serial Port Transceivers with Green IdleDS (Rev.F. 8/02) 2.7V Serial Port RS-232 Transceiver (5 Drivers / 3 Receivers) with 15kV ESD (TTL & RS-232) 3-V, RS-232 Serial Port Driver-Receiver 2.7 V Serial Port RS-232 Transceiver (3 Drivers / 5 Receivers) with 15kV ESD 2.7V Serial Port RS-232 Transceiver (3 Drivers / 3 Receivers) with 15kV ESD
|
Analog Devices
|
UT13243G-P28-R UT13243L-P28-R UT13243G-P28-T UT132 |
3.0V TO 5.5V POWER SUPPLY, 235KBPS, MULTICHANNAEL RS-232 LINE DRIVERS/RECEIVERS
|
Unisonic Technologies
|
ADM202E ADM1181A |
EMI/EMC Compliant, 5 kV ESD Protected, RS-232 Line Drivers/Receivers
|
Analog Devices
|
ADM1181AARWZ ADM1181AARWZ-REEL ADM1181AARW-REEL AD |
EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADM3202ARUZ-REEL7 ADM3202ARN-REEL ADM3222ARSZ ADM3 |
Low Power, 3.3 V, RS-232 Line Drivers/Receivers Low Power, 3.3 V, RS-232 Line Drivers/Receivers
|
Analog Devices
|