PART |
Description |
Maker |
RF2461PCBA-41X RF246106 RF2461 |
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
|
RFMD[RF Micro Devices]
|
RF2860 RF2860PCBA-41X RF28601 |
PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
|
RF Micro Devices
|
RF2460PCBA-41X RF246006 RF2460 |
PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
|
RFMD[RF Micro Devices]
|
RF2489PCBA-41X RF248907 RF2489 |
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
|
RFMD[RF Micro Devices]
|
RF24111 |
LOW NOISE AMPLIFIER/MIXER
|
RF Micro Devices
|
RF2411_06 RF2411 RF2411PCBA-H RF2411PCBA-L RF24110 |
LOW NOISE AMPLIFIER/MIXER
|
RFMD[RF Micro Devices]
|
RF2411 RF2411PCBA-H RF2411PCBA-L |
LOW NOISE AMPLIFIER/MIXER 低噪声放大器/混频
|
RF Micro Devices, Inc. RFMD[RF Micro Devices] http://
|
CXG1014N |
1.5 GHz Low Noise Amplifier/Down Conversion Mixer
|
SONY[Sony Corporation]
|
AWT6137M7P8 AWT6137 |
HELP Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module 帮助蜂窝双模的AMPS / CDMA.4V/28dBm线性功率放大器模块 The AWT6137 CDMA/AMPS Power Amplifier is a high performance CDMA2000/1XRTT amplifier designed specifically for Cellular wireless ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] Anadigics Inc
|
262.75 268.01 268.6 268.75 268.8 268.2 268.25 268. |
900MHz Image-Reject Receivers with Transmit Mixer 保险 WCDMA Quasi-Direct Modulators with VGA and PA Driver 保险 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Evaluation Kit for MAX2410 Power Drivers for Peltier TEC Modules W-CDMA/W-TDD/TD-SCDMA Zero-IF Receivers 6-Channel, Multi-Range, 5V, 12-Bit DAS with 12-Bit Bus Interface and Fault Protection Evaluation Kit for the MAX19692 Evaluation Kit for the MAX2406 Low-Cost Downconverter with Low-Noise Amplifier ±15kV ESD-Protected, 5V RS-232 Transceivers 5V-Powered, Multichannel RS-232 Drivers/Receivers Low-Cost RF Up/Downconverter with LNA and PA Driver Fuse
|
TE Connectivity, Ltd.
|