PART |
Description |
Maker |
MTU413 |
4-bit micro-controller with EPROM,1K word
|
MYSON TECHNOLOGY
|
TLC155 TLC154 TLC156 TLC156EP TLC157D TLC157ED TLC |
EPROM/ROM-Based 8-Bit Microcontroller Series
|
List of Unclassifed Manufacturers List of Unclassifed Manufac...
|
PIC16LV5X |
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
|
Microchip
|
PIC16C54-RC_SS |
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
|
Microchip Technology
|
CTM8B54E |
(CTM8B54E - CTM8B57E) EPROM-Based 8-Bit COMS Microcontroller
|
Ceramate Technical
|
PIC16C711 PIC16C711-04_JW PIC16C711-04_P PIC16C711 |
From old datasheet system EPROM-based microcontroller 8-Bit CMOS Microcontrollers with A/D Converter
|
MICROCHIP[Microchip Technology]
|
ST62E32BF1 ST6232B |
IC-8-BIT MCU 8K EPROM 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART 8位检察官办公存储器与阿微控制 D转换器,16位自动重加载定时器,EEPROM中,SPI和UART
|
意法半导 STMicroelectronics N.V.
|
4376 M27V401 M27V401-200B1TR M27V401-200B6TR M27V4 |
4 Mbit 512Kb x8 Low Voltage UV EPROM and OTP EPROM 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 32-Bit Buffers/Drivers With 3-State outputs 96-LFBGA -40 to 85 Quadruple 2-Input Positive-NAND Gates 14-SOIC 0 to 70 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 48-TSSOP -40 to 85 4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 4 Mbit 512Kb x8 or 256Kb x16 UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
PIC16C54 PIC16C57 PIC16C54A_JW PIC16C54-RC_SO PIC1 |
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,28PIN,CERAMIC
|
MICROCHIP[Microchip Technology] Microchip Technology Inc
|
27C4100 27C4096 MX27C4096 MX27C4096PI-12 MX27C4096 |
(MX27C4100 / MX27C4096) 4M-BIT [512K x 8/256K x 16] CMOS EPROM 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 120 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 100 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 150 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 150 ns, PDSO40 Single Output LDO, 50mA, Fixed(3.0V), Low Quiescent Current, Thermal Protection 5-SOT-23 256K X 16 OTPROM, 100 ns, PDIP40
|
Macronix International Co., Ltd.
|
ST72T94 |
8-Bit HCMOS MCU With 6K EPROM, EEPROM And 16-Bit Timer With Input Capture And Output Compare(6K EPROM,EEPROM和具有输入获取和输出比较6位定时器HCMOS微控制器) 8位HCMOS微控制器6k的存储器,EEPROM6位输入捕捉和输出比较(带6k的存储器,EEPROM的和具有输入获取和输出比较的16位定时器位微控制器定时器HCMOS
|
STMicroelectronics N.V.
|
NMC27C64 NMC27C64N200 NMC27C64Q150 NMC27C64NE200 |
65 /536-Bit (8192 x 8) CMOS EPROM IC-64K CMOS PROM 8K X 8 EEPROM 5V, 200 ns, PDIP28 65,536-Bit (8192 x 8) CMOS EPROM 64KBit (8192 x 8) CMOS EPROM [Life-time buy]
|
Fairchild Semiconductor, Corp.
|