PART |
Description |
Maker |
MIC94030 MIC94030BM4 MIC94031BM4 4030B MIC94031 |
TinyFET P-Channel MOSFET(TinyFET???P娌??澧?己??OS?烘?搴??) TinyFETP-Channel MOSFET Preliminary Information TinyFETP沟道MOSFET的初步信 10000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN TinyFET P-Channel MOSFET(TinyFET技P沟道增强型MOS场效应管) TinyFET P-Channel MOSFET Preliminary Information TinyFET⑩ P-Channel MOSFET Preliminary Information TinyFET?/a> P-Channel MOSFET Preliminary Information
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
ZVN4206AV |
N-channel MOSFET N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET MOSFET N-CH 60V 600MA TO-92 600 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
FDN342P |
P-Channel 2.5V Specified PowerTrench MOSFET TRANSISTOR|MOSFET|P-CHANNEL|20VV(BR)DSS|2AI(D)|TO-236AB
P-Channel 2.5V Specified PowerTrench⑩ MOSFET
|
Fairchild Semiconductor
|
AP4525GEH |
30V N-Channel PowerTrench MOSFET 15 A, 40 V, 0.028 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET, TO-252 N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp.
|
ZXM64N035L3 |
N-channel MOSFET 35V N-CHANNEL ENHANCEMENT MODE MOSFET 13 A, 35 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
SPM4M024-100 SPC8M075-006 SPC8M045-010 SPC8M030-02 |
6 A, 1000 V, 2 ohm, 6 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 130 A, 60 V, 0.006 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 120 A, 300 V, 0.035 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 40 A, 600 V, 0.18 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 350 A, 60 V, 0.003 ohm, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 30 A, 200 V, 0.075 ohm, 6 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 45 A, 100 V, 0.03 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 30 A, 200 V, 0.075 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 300 A, 100 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Sensitron Semiconductor http://
|
FCPF22N60NT FCP22N60N |
N-Channel MOSFET 600V, 22A, 0.165W 600V N-Channel MOSFET, SupreMOS™; 3-TO-220 22 A, 600 V, 0.165 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp.
|
STD2N50 STD2N50-1 STD2N50T4 |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 2A I(D) | TO-252 晶体管| MOSFET的| N沟道| 500V五(巴西)直|甲(丁)|52 N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR -通道增强型功率MOS器件 STD2N50-1 I-PAK MOSFET-TRANSIT N-CHANNEL MOSFET
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
STD2NB80 6424 STD2NB80T4 |
From old datasheet system N-CHANNEL MOSFET N - CHANNEL 800V - 4.6 ohm - 1.9A - IPAK/DPAK PowerMESH MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 1.9A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 800V的五(巴西)直| 1.9AI(四)|52AA
|
SGS Thomson Microelectronics ST Microelectronics 意法半导 STMicroelectronics N.V.
|
FCA16N60N |
600V N-Channel MOSFET SupreMOS™; 3-TO-3PN 16 A, 600 V, 0.199 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel MOSFET 600V, 16A, 0.170W
|
Fairchild Semiconductor, Corp.
|
STB6NB90 6439 |
N - CHANNEL 900V - 1.7 Ohm - 5.8A - D 2 PAK PowerMESH MOSFET From old datasheet system N - CHANNEL 900V - 1.7OHM - 5.8A - D2PAK PowerMESHO MOSFET N-CHANNEL Power MOSFET
|
SGS Thomson Microelectronics STMicroelectronics 意法半导 ST Microelectronics
|
|