PART |
Description |
Maker |
M80-4C11205F1-04-325 |
JACKSCREW DATAMATE MIXED TECHNOLOGY CRIMP FEMALE ASSEMBLY
|
Harwin Plc
|
M80-5T11205M1-02-331 |
JACKSCREW DATAMATE MIXED TECHNOLOGY PC TAIL MALE ASSEMBLY
|
Harwin Plc
|
M83-LFC1F1N96-0000-000 |
JACKSCREW DATAMATE 3-ROW CRIMP FEMALE ASSEMBLY (96-WAY)
|
Harwin Plc
|
M80-1950005 M80-1950006 |
JACKSCREW DATAMATE MALE CRIMP CONTACT (SMALL BORE)
|
Harwin Plc
|
M80-4055001 M80-4055005 |
JACKSCREW DATAMATE DIL VERTICAL PC-TAIL FEMALE REVERSE FIX
|
Harwin Plc
|
M80-4610405 M80-4610442 M80-4615005 M80-4615042 |
JACKSCREW DATAMATE DIL CRIMP (SMALL BORE) FEMALE ASSEMBLY
|
Harwin Plc
|
M80-8790242 M80-8540842 M80-8540845 M80-8790405 M8 |
Datamate Connectors Datamate L-Tek DIL Male Vertical 4.5mm PC Tail Connector, latched, gold, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin Plc http://
|
M80-8430842 M80-8780605 M80-8681205 M80-8680405 M8 |
Datamate Connectors Datamate L-Tek DIL Male Horizontal 4.5mm PC Tail Connector, latched, gold, 6 6-way 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate L-Tek DIL Male Horizontal 3mm PC Tail Connector, latched, selective gold tin/lead, 7 7-way
|
Harwin Plc HARWIN INC
|
687-152-01B 687-439-100 179-013-1H 179-013-2S 179- |
Stainless Steel Jackscrew Kits
|
Glenair, Inc.
|
AD9861BCPRL-50 AD9861BCPRL-80 AD9861-80EB AD9861BC |
Mixed-Signal Front-End (MxFE? Baseband Transceiver for Broadband Applications 10-Bit Mixed-Signal Front-End (MxFE®)Processor; Package: LFCSP (9x9mm, 7.10 exposed pad); No of Pins: 64; Temperature Range: Industrial SPECIALTY TELECOM CIRCUIT, QCC64 Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
|
Analog Devices, Inc.
|
79925-0005 0799250005 |
TDP (Triad Differential Pair) Cable Assembly, 28 Circuit, 1.00m (3.281 ) Length,4-40 Jackscrew
|
Molex Electronics Ltd.
|
SST39VF400A-70-4C-BK SST39VF400A-90-4C-BK SST39VF8 |
CABLE FLEX FOR CY3250 PSoC® Mixed-Signal Array PSoC Mixed Signal Array PSoC® Mixed-Signal Array CY8C27143, CY8C27243, CY8C27443, CY8C27543, and CY8C27643 4-Mbit (256K x 16) Static RAM x16 Flash EEPROM x16闪存EEPROM PSoC® Mixed-Signal Array CY8C27143, CY8C27243, CY8C27443, CY8C27543, and CY8C27643 x16闪存EEPROM 2K x 8 Dual-Port Static RAM x16闪存EEPROM
|
Silicon Storage Technology, Inc. Microchip Technology, Inc.
|