PART |
Description |
Maker |
X24645 X24645P X24645P-2.7 X24645PI X24645PI-2.7 X |
Voltage Regulator IC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 先进2线串行e2座门锁TM保护胎膜早破 Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 IC SW REG STEP-UP 1.4A SOT23-5 IC STEP-UP SW REG 1.4A 10-MLPD Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
|
TOKO, Inc. STMicroelectronics N.V. Electronic Theatre Controls, Inc. XICOR[Xicor Inc.]
|
LTC3562 LTC3562EUD-PBF LTC3562EUD-TRPBF |
I2C Quad Synchronous Step-Down DC/DC Regulator 2 】 600mA, 2 】 400mA
|
Linear Technology
|
LTC1876 |
High Efficiency, 2-Phase, Synchr., Dual, Step-Down Sw. Contr. W/ Step-Up Reg.
|
Linear
|
LTC3544B |
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
|
Linear Technology
|
LTC1629 LTC1629C LTC1629I LTC1629C-PG LTC1629CG LT |
PolyPhase, High Efficiency,Synchronous Step-DownSwitching Regulator PolyPhase/ High Efficiency/ Synchronous Step-Down Switching Regulators PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Dual LinCMOS(TM) Timer 14-SOIC
|
Linear Technology Corporation
|
MB3883 MB388302 MB3883PFV MB3883PV |
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
|
Fujitsu Component Limited.
|
LTC1709EG-9 LTC1709-9 LTC1709-8 LTC1709EG-8 170989 |
CHOKE COIL 33UH 260MA SMD From old datasheet system 2-Phase/ 5-Bit VID/ Current Mode/ High Efficiency/ Synchronous Step-Down Switching Regulators 2-Phase, 5-Bit VID,Synchronous Step-Down Switching Regulators 2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
|
Linear Technology Corporation LINER[Linear Technology]
|
EV2307DN-00A MP2307DN |
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter A,为23V40KHz的同步整流降压转换器 3A, 23V, 340KHz Synchronous Rectified Step-Down Converter 3 A SWITCHING REGULATOR, 380 kHz SWITCHING FREQ-MAX, PDSO8
|
Monolithic Power Systems, Inc.
|
LTC3548-2 LTC3548EDD-2 LTC3548EDD-2TR |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
NFS110 110-7604PJ NFS110-7604PJ NFS110-7612J NFS11 |
Single & Quad output AC-DC REG PWR SUPPLY MODULE
|
Emerson Network Power Artesyn Technologies
|