PART |
Description |
Maker |
74LVT16244 74LVT16244MTDX 74LVTH16244MEA 74LVTH162 |
4K, 512 X 8, 2.5V SER EE, -40C to 85C, 8-MSOP, TUBE Low Voltage16-Bit Buffer/Line Driver Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs
|
Fairchild Semiconductor
|
M24256-B MM24256-BBN5T MM24256-BBN6T MM24256-BDL5T |
32K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 256/128 Kbit Serial I C Bus EEPROM With Three Chip Enable Lines 一百二十八分之二百五十六千位串行总线EEPROM,带有集成电路芯片启用三 HDWR ASSY ROD 2-4 MODULES SER 3 HDWR ASSY ROD 1 MODULES SER 3 HDWR NUT FASTENER SER 3 ROD ASSY TOOL HAND NUT DRIVER FOR SER 3 256/128 Kbit Serial I2C Bus EEPROM With Three Chip Enable Lines 256/128 Kbit Serial I?C Bus EEPROM With Three Chip Enable Lines 256/128 Kbit Serial IC Bus EEPROM Without Chip Enable Lines
|
STMicroelectronics N.V. EEPROM 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
SML-D13Y8W SML-D13P8W SML-D12D8W SML-D13D8W |
SML-D1 Series EXCELED
|
Rohm
|
GET-30569 |
Qualification Test Results on NE272 ser es
|
California Eastern Laboratories
|
74LVT273DB-T |
4K, 512 X 8, 1.8V SER EE, -40C to 125C, 8-TSSOP, T/R 八路D类触发器
|
TE Connectivity, Ltd.
|
74LVT16244MEAX |
256K, 32K X 8, 2.5V SER EE, -40C to 85C, 8-TSSOP, T/R 位缓冲器/驱动
|
Bourns, Inc.
|
74LVT162245MEAX |
256K, 32K X 8, 2.5V SER EEPROM, -40C to 125C, 8-TSSOP, TUBE 位总线收发
|
Fairchild Semiconductor, Corp.
|
MUR1010CT MUR1020CT |
TIP REPL SLOT SMD SOT-23 MX SER 10 Amp Super Fast Gl ass Passivated Rectifier 100 to 200 Volts
|
整流 MCC[Micro Commercial Components]
|
SML-522MU8W SML-522MU8WT86 SML-522MD8W SML-521MDW |
SML-52 Series Abundant 2 color variations 2-color type LED
|
Rohm
|
REC15-1205SRWBZ REC15-1205SRWB REC15-XX24SRWBZ REC |
15W DC/DC converter with 68V input, -12/ -625mA output ECONOLINE - DC/DC - CONVERTER REC15-S/DRWB(z)的辑。,15W的功率,2 × 2,雷古尔。,宽输2(单和双输出 REC15-S/DRWB(Z) Ser., 15W, 2 x 2, Regul., Wide Input 2 : 1 AND 4 : 1 (Single AND Dual Output) REC15-S/DRWBz)的辑。,15W的功率,2 × 2,雷古尔。,宽输(单和双输出 REC15-S/DRWB(Z) Ser., 15W, 2 x 2, Regul., Wide Input 2 : 1 AND 4 : 1 (Single AND Dual Output) REC15-S/DRWB(z)的辑。,15W的功率,2 × 2,雷古尔。,宽输4(单和双输出
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
MC74HC76 MC74HC76D MC74HC76N ON1498 |
From old datasheet system DUAL JK FLIP-FLOP WITH SER AND RESET Dual JK Flip-Flop With Set and Reset
|
MOTOROLA[Motorola, Inc] ON Semi
|