PART |
Description |
Maker |
ADP3293 |
VR11.1 8-Bit, Programmable 2- to 3-Phase Synchronous Buck Controller
|
ON Semiconductor
|
LTC1735CGN-1 LTC1735IGN-1 LTC1735-1 |
High Efficiency Synchronous Step-Down Switching Regulator LED Lamp; Bulb Size:3mm; LED Color:Orange/Orange; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No; Reel Quantity:360 RoHS Compliant: Yes
|
Linear Technology Corporation
|
NCP5901EMNTBG |
Compatible Synchronous Buck MOSFET Drivers
|
ON Semiconductor
|
AS7C33512FT18A AS7C33512FT18A.V1.1 AS7C33512FT18A- |
3.3V 512K x 18 Flow-through synchronous SRAM 512K X 18 STANDARD SRAM, 10 ns, PQFP100 Film Capacitor; Voltage Rating:630VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.0082uF; Capacitance Tolerance: 10%; Lead Pitch:10mm; Leaded Process Compatible:No; Package/Case:C; Peak Reflow Compatible (260 C):No RoHS Compliant: No From old datasheet system Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
NCP5391MNR2G |
2/3 Phase Buck Controller for VR11 Pentium IV Processor Applications
|
ON Semiconductor
|
RT8113 |
Single Phase VR11.1 PWM Controller with 7-bit VID
|
Richtek Technology Corporation
|
NCP5382 NCP5382MNR2G |
2/3/4/5/6 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
|
ON Semiconductor
|
L6713A |
2/3 Phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
|
Holtek Semiconductor Inc.
|
L6714 L6714TR |
4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
|
意法半导
|
L6714TR L6714 |
4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
|
STMICROELECTRONICS[STMicroelectronics]
|
L6750TR L6750 |
2 to 5 phase controller with LTB technology for VR11.x and AMD6bit CPUs featuring I2C interface
|
http:// STMicroelectronics
|