PART |
Description |
Maker |
IDT77V012L155DA IDT77V012 |
Data Path Interface to UTOPIA Level 1 Header Translation Device
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
IDT77V107 IDT77V107L25PF IDT77V107L25PFI |
3.3V ATM PHY for 25.6 and 51.2 Mbps Applications with UTOPIA level 2 Interface Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
|
IDT[Integrated Device Technology]
|
DS2156L DS2156LN |
T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
|
MAXIM - Dallas Semiconductor
|
DS2156 DS2156L DS2156LN DS2155 |
T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
|
DALLAS[Dallas Semiconductor] Dallas Semiconducotr Maxim
|
IDT77V1264 |
Quad port ATM 200 Mbps backplane PHY with 16-bit UTOPIA-2 and 8-bit UTOPIA-1 interfaces.
|
IDT
|
IDT77V1253 IDT77V1253L25PGI |
Triple Port ATM PHY for 25.6 and 51.2 Mbps ATM Networks with 16 bit UTOPIA Level 2 Interface 3 Channel 25/51Mbps PHY, U1/U2
|
IDT
|
HI-8685PST-10 HI-8685PJI HI-8685PJI-10 HI-8685PJT- |
System component for interfacing incoming ARINC 429 signals to 16-bit parallel data ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA 1 CHANNEL(S), SERIAL COMM CONTROLLER, PQCC28 384 MCELL 3 VOLT ZERO POWER ISP CPLD - NOT RECOMMENDED for NEW DESIGN ARINC 429 & 561 SerialDatato16-BitParallelData ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
|
Holt Integrated Circuit... HOLT INTEGRATED CIRCUITS INC Holt Integrated Circuits, Inc. http://
|
AD9957BSVZREEL13 AD995PCBZ |
1 GSPS Quadrature Digital Upconverter w/18-Bit IQ Data Path and 14-Bit DAC 1 GSPS的正交数字上变频器w/18-Bit智商数据路径4位DAC
|
Analog Devices, Inc.
|
ARA2004 |
The ARA2004 is designed to provide the reverse path amplification and output level control functions in a CATV Set-Top Box or Cable ... Reverse Path Amplifiers
|
Anadigics Inc
|
HI-868506 HI-8685PJIF |
ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
|
Holt Integrated Circuits Holt Integrated Circuit...
|
NUF2900MNT1G NUF2900MN |
Two Line EMI Filter with ESD Protection for High Speed Data Interface 2 FUNCTIONS, DATA LINE FILTER
|
ON Semiconductor
|
PS2802-1 PS2802-1-F3 PS2802-1-F4 PS2802-4 PS2802-4 |
A/D Converter (A-D) IC; Resolution (Bits):24; ADC Sample Rate:192kSPS; Input Channels Per ADC:2; Input Channel Type:Single Ended Inputs; Data Interface:Serial; Package/Case:24-TSSOP; Interface Type:Serial A/D Converter (A-D) IC; Resolution (Bits):24; Sample Rate:192kSPS; Input Channels Per ADC:2; Input Channel Type:Single Ended; Data Interface:Serial; Package/Case:24-SOIC; IC Generic Number:5351; Interface Type:Serial RoHS Compliant: Yes HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
|
NEC Corp. NEC[NEC]
|