PART |
Description |
Maker |
SPS-33100-CXX0G SPS-33100B-CXX0G |
3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER 3.3 /波分复用/ 155 Mbps的立法会SFP单模收发
|
Optoway Technology Inc. Optoway Technology, Inc.
|
TRSL-3130AWG |
3.3V / 1310 nm / 155 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER 3.3 / 1310海里/ 155 Mbps的准系统立法X10单模收发
|
Optoway Technology, Inc.
|
TRS-3050AG TRS-3050G |
5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver 5V 1310海里/ 155 Mbps的符合RoHS光单模收发器
|
Optoway Technology, Inc. Optoway Technology Inc.
|
TRSL-3380-CXX0G |
3.3V / CWDM / 155 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER 3.3 /波分复用/ 155 Mbps的符合RoHS准系统立法会单模收发
|
Optoway Technology Inc. Optoway Technology, Inc.
|
LT-54B353B-PG LT-54B33B-P-AG LT-54B33B-PG OPTOWAYT |
3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T G.983.3 B-PON CLASS B 2X5 SFF OLT Transceiver 3.3 / 622490连续波长模式德克萨斯 155 Mbps310纳米突发模式收发的ITU - T G.983.3乙无源光网络类乙2X5准系统光线路终端收发
|
Optoway Technology Inc. Optoway Technology, Inc.
|
C-13-155-T3-SST3A-14-G5 |
155 Mbps Single Mode Transceiver
|
Source Photonics, Inc.
|
C-13-155-T-SSC3 C-13-155-T-SSC3-G5 C-13-155-T-SSC3 |
155 Mbps Single Mode Transceiver
|
Source Photonics, Inc.
|
SPL-54B33B-AG SPL-54B33B-G |
3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T G.983.3 B-PON CLASS B SFP OLT Transceiver
|
Optoway Technology Inc
|
SPS-33200BG SPS-33200G |
3.3V / 1550 nm / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
|
Optoway Technology Inc
|
SPS-33200BG SPS-33200G |
3.3V / 1550 nm / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
|
Optoway Technology Inc.
|
SPS-3380-CXX0G08 SPS-3380B-CXX0G SPS-3380-15 |
3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
|
Optoway Technology Inc http://
|