PART |
Description |
Maker |
AK5386 AK5386VT AKD5386 |
Single-ended 24-Bit 192kHz ΔΣ ADC Single-ended 24-Bit 192kHz 楼?楼? ADC Single-ended 24-Bit 192kHz ツヒ ADC
|
Asahi Kasei Microsystems
|
LT6350 LT6350CDDPBF LT6350CDDTRPBF LT6350CMS8PBF L |
Low Noise Single-Ended to Differential Converter/ADC Driver
|
Linear Technology
|
AS1524 AS1525 |
Micro-Power, 12-Bit, 150ksps, ADC, Single Ended or Differential
|
Austriamicrosystems AG ams AG
|
EL5196CW-T7 EL5196C EL5196CS-T13 EL5196CS-T7 EL519 |
Replaced by PCM3052A : 24-bit Stereo Audo Codec with Mic amp, Bias, MUX and PGA 32-VQFN 00MHz的固定增益放大器 24-bit Stereo Audio Codec 96kHz (ADC) 192 kHz (DAC) with Single-Ended Analog Input/Output 24-SSOP -25 to 85 Single 400MHz Fixed Gain Amplifier
|
Electronic Theatre Controls, Inc. ELANTEC[Elantec Semiconductor]
|
MAX1391ETB-T |
1.5V to 3.6V, 416ksps, 1-Channel True-Differential/2-Channel Single-Ended, 8-Bit, SAR ADCs 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO10
|
Maxim Integrated Products, Inc.
|
MC33023DW MC33023P MC34023 MC34023P MC33023 ON1082 |
From old datasheet system HLGH SPEED DOUBLE-ENDED PWM CONRTOLLER High Speed Single-Ended PWM Controller
|
MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor] Motorola, Inc
|
SS6734G SS6734-18GU SS6734-18GUTR SS6734-18GXATR S |
SMA (F) TO N (F) BHD ADAPTER SMA (J) TO N (J) ADAPTER 300mA低压差线性稳压器 A/D Converter (A-D) IC; Resolution (Bits):16; ADC Sample Rate:20kSPS; Input Channels Per ADC:2; INL /-:0.0015LSB; Data Interface:Serial; Package/Case:28-PLCC; Leaded Process Compatible:No; Number of Bits:8 300mA低压差线性稳压器 STEREO A/D CONVERTER CS5330A-KS SMD, SOJ-8 300mA低压差线性稳压器 16-Bit 100 kHz A/D Converter pb free 300mA低压差线性稳压器 300MA LOW DROPOUT LINEAR REGULATOR 300mA低压差线性稳压器 A/D Converter (A-D) IC; Resolution (Bits):18; Sample Rate:50kSPS; Input Channels Per ADC:2; Input Channel Type:Single Ended; Data Interface:Serial; Package/Case:8-SOIC; Leaded Process Compatible:Yes; No. of Bits:18 RoHS Compliant: Yes 300mA低压差线性稳压器 CAP 51PF 100V 5% NP0(C0G) SMD-0805 TR-7 PLATED-NI/SN SMA (F) TO TNC (F) ADAPTERS SMA (F) TO TNC (M) ADAPTER A/D Converter (A-D) IC; Resolution (Bits):18; Sample Rate:50kSPS; Input Channels Per ADC:2; Input Channel Type:Single Ended; Data Interface:Serial; Package/Case:8-SOIC; Interface Type:Serial; Leaded Process Compatible:No RoHS Compliant: No 300MA LOW DROPOUT LINEAR REGULATOR
|
Richtek Technology, Corp. Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers List of Unclassifed Man...
|
SX1701A SX1701AI085TRT |
Highly linear wideband LNA Single-channel, single-ended to differential conversion
|
Semtech Corporation
|
TGA2951-EPU |
10 Gb/s Single Ended to Differential Amplifier TGA2951-EPU 10 Gb/s Single Ended to Differential Amplifier TGA2951-EPU
|
TRIQUINT[TriQuint Semiconductor]
|
KAD2708L-17 KAD2708L-21 KAD2708L-35 KAD2708L-27Q68 |
8-Bit, 350/275/210/170/105MSPS A/D Converter 8-Bit, 350MSPS Single-Channel ADC, LVDS Outputs 8-Bit, 210MSPS Single-Channel ADC, LVDS Outputs 8-Bit, 170MSPS Single-Channel ADC, LVDS Outputs
|
Intersil Corporation
|
ICS83052I |
2 1 single-ended multiplexer
|
Integrated Device Technology
|