PART |
Description |
Maker |
5962-8767107LA 5962-8767107LX 5962-8767101KA 5962- |
Fuse-Programmable PLD Complete, 12-Bit Multiplying DAC Complete, Dual, 12-Bit Multiplying DAC with 8-Bit Bus Interface 保险丝,可编程的PLD
|
Rochester Electronics, LLC
|
AD7237AACHIPS AD7247AACHIPS AD7237ATQ AD7237A-15 |
LC MOS Dual 12-Bit DACPORTs Dual 12-Bit Complete DAC with Double Buffered Byte Loading Dual 12-Bit DACPORT with Parallel Load 0.001UF(1000PF) 20% 1KV Y5V RAD DUAL, PARALLEL, 8 BITS INPUT LOADING, 5 us SETTLING TIME, 12-BIT DAC, CDIP24
|
Analog Devices, Inc.
|
AD8582 AD8582AN AD8582AR AD8582CHIPS |
5 Volt, Parallel Input Complete Dual 12-Bit DAC DUAL, PARALLEL, WORD INPUT LOADING, 16 us SETTLING TIME, 12-BIT DAC, UUC24 5 Volt/ Parallel Input Complete Dual 12-Bit DAC
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX162 MAX162ACNG MAX162ACWG MAX162AING MAX162AMRG |
Complete High-Speed CMOS, 12-Bit ADC " Complete High-Speed CMOS, 12- Bit ADC" JT 3C 3#16 PIN RECP Complete High-Speed CMOS 12-Bit ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24 16-Bit Ultra-Low-Power Microcontroller, 16kB OTP, 512B RAM, 92 segment LCD 56-SSOP -40 to 85
|
MAXIM - Dallas Semiconductor http:// MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AD9200ARS AD9200ARSRL AD9200JRS AD9200JRSRL AD9200 |
Complete 10-Bit/ 20 MSPS/ 80 mW CMOS A/D Converter Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQFP48 Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter 完整0位,20 MSPS0毫瓦的CMOS A / D转换
|
Analog Devices, Inc.
|
74ACT16240 74ACT16240MTD 74ACT16240SSC 74ACT16240M |
Complete, Dual, 12-Bit Multiplying DAC with 8-Bit Bus Interface 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs From old datasheet system
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
AD7242 AD7242AQ AD7242BQ AD7242JN AD7242JR AD7242K |
LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
|
AD[Analog Devices]
|
ADC-228 ADC-228MM ADC-228_883 ADC-228MC ADC-228/88 |
Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:17-35 8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter From old datasheet system
|
Datel Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
AD1864-15 |
COMPLETE DUAL 18 BIT AUDIO DAC
|
Analog Devices
|
AD7845 AD7845AQ AD7845AR AD7845BQ AD7845BR AD7845J |
0.3-17V; 650mW; LC2MOS complete 12-bit multiplying DAC. For automatic test equipment, digital attenuators, programmable power supplies Complete 12-Bit CMOS Multiplying DAC
|
Analog Devices http://
|
ADADC71 ADADC72 ADADC72JD ADADC72AD ADADC72KD ADAD |
Complete/ High Resolution 16-Bit A/D Converters Analog-to-Digital Converter16-Bit 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, CDIP32 PWM LED Driver and Boost, Flyback and SEPIC Converter; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, CDIP32 Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:20-24 Complete, High Resolution 16-Bit A/D Converters Complete,High Resolution 16 Bit ADC(完备高分辨率16位A/D转换
|
Analog Devices, Inc. AD[Analog Devices]
|