PART |
Description |
Maker |
561-MLLP187 561-MLLP250 561-MLLP375 561-MLLP437 56 |
PCB Supports - MLLP Series
|
List of Unclassifed Manufacturers
|
BOURNSINC-PM40-390K PM40-1R8K PM40-120K PM40-271K |
Ferrite Bead Inductor; Series:PM40; Inductance:1.8uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:60MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:390mA Ferrite Bead Inductor; Series:PM40; Inductance:12uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:18MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:225mA Ferrite Bead Inductor; Series:PM40; Inductance:270uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:3MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:92mA Ferrite Bead Inductor; Series:PM40; Inductance:120uH; Inductance Tolerance: /- 10 %; Q Factor:40; Self Resonant Frequency:6MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:110mA Ferrite Bead Inductor; Series:PM40; Inductance:1.5uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:70MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:410mA Ferrite Bead Inductor; Series:PM40; Inductance:680nH; Inductance Tolerance: /- 20 %; Q Factor:30; Self Resonant Frequency:160MHz; Terminal Type:PCB Surface Mount; Current Rating:450mA; Leaded Process Compatible:No 1 ELEMENT, 0.27 uH, GENERAL PURPOSE INDUCTOR, SMD
|
BOURNS INC
|
THD-0501 THD-XXXX |
(THD Series) PCB Relay
|
SUN HOLD
|
8534-4500JL 8520-4500JL 8510-4500JL 8540-4500JL 85 |
.100, .100, Polarized Boardmount Socket BUCHSENLEISTE PCB STUFE2 40POL BUCHSENLEISTE板STUFE2 40POL BUCHSENLEISTE PCB STUFE2 50POL BUCHSENLEISTE板STUFE2 50POL BUCHSENLEISTE PCB STUFE2 26POL BUCHSENLEISTE PCB STUFE2 16POL BUCHSENLEISTE PCB STUFE2 60POL BUCHSENLEISTE PCB STUFE2 10POL BUCHSENLEISTE PCB STUFE2 20POL BUCHSENLEISTE PCB STUFE2 34POL
|
3M Electronics Electronic Theatre Controls, Inc.
|
50-29-0035 22-16-2031 22-16-2081 22-16-2071 |
KK 100 PCB ASSY 4455 SERIES DWG
|
Molex Electronics Ltd.
|
09-52-1036 09-52-1021 09-52-1030 09-52-1041 09-52- |
KK 156 PCB ASSY 2145 RIGHT ANGLE SERIES
|
Molex Electronics Ltd.
|
227661-1 |
JACK, RIGHT ANGLE, PCB 50 OHM, SERIES BNC
|
Tyco Electronics
|
CCM01 CCM01-6202MLFT CCM01-6101LFT |
CCM01 Series CCM01 Series PCB CONNECTOR
|
C&K Components C & K COMPONENTS INC
|
WR-160PB-VF50 |
WR Series 0.5mm Low Profile SMT PCB Connectors
|
ETC
|
TPVI65-33 TPVI65 TPVI65-30 TPVI65-31 TPVI65-32 |
UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 65 WATT INTERNAL SWITCHING POWER SUPPLIES TPVI65 SERIES UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 65 WATT INTERNAL SWITCHING POWER SUPPLIES TPVI65 SERIES
|
TOTAL-POWER[Total Power International]
|