PART |
Description |
Maker |
2SK4183 |
N-Channel Silicon MOSFET General-Purpose Switching Device Applications 13 A, 525 V, 0.58 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Sanyo Semicon Device
|
CPH3355 CPH3355TL |
P-Channel Silicon MOSFET General-Purpose Switching Device Applications 2500 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236
|
Sanyo Semicon Device
|
FW905 |
N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device 7 A, 20 V, 0.024 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET
|
Sanyo Semicon Device SANYO SEMICONDUCTOR CO LTD
|
FDA24N50 |
500V N-Channel MOSFET N-Channel MOSFET; Package: TO-3PN; No of Pins: 3; Container: Rail 24 A, 500 V, 0.19 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel MOSFET 500V, 24A, 0.19ヘ N-Channel MOSFET 500V, 24A, 0.19Ω
|
Fairchild Semiconductor, Corp.
|
FDS6961AZ FDS6961AZL86Z FDS6961AZL99Z |
3.5 A, 30 V, 0.09 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET SO-8 TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 3.5A I(D) | SO Dual N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor, Corp.
|
2SK3560 |
Silicon N-channel power MOSFET For PDP/For high-speed switching 30 A, 230 V, 0.074 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
3N191 X3N190-91 3N190 3N190-91 X3N191 |
50 mA, 40 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench MOSFET Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
CMLDM5757 |
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS 430 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Central Semiconductor Corp
|
2SK3781-01R |
DIODE SCHOTTKY SINGLE 25V 200mW 0.33V-vf 200mA-IFM 2mA-IF 0.5uA-IR SOD-323 3K/REEL 73 A, 200 V, 0.036 ohm, N-CHANNEL, Si, POWER, MOSFET N-CHANNEL SILICON POWER MOSFET
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric]
|
2SK3588-01L 2SK3588-01S 2SK3588-01SJ |
N-CHANNEL SILICON POWER MOSFET 73 A, 100 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric]
|
SCH2807 |
MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode
|
Sanyo Semicon Device
|
|