PART |
Description |
Maker |
ZMM100 ZMM3.0 ZMM5.1 ZMM2.4 ZMM62 ZMM36 ZMM75 ZMM5 |
surface mount silicon Zener diodes 表面贴装硅稳压二极管 SILICON PLANAR POWER ZENER DIODES Silicon Planar Zener Diodes
|
Semtech, Corp. SEMTECH[Semtech Corporation] Honey Technology
|
1N962 1N963 1N967 1N978 1N957 1N958 1N959 1N960 1N |
30 V, 4.2 mA, silicon planar zener diode 7.5 V, 16.5 mA, silicon planar zener diode SILICON PLANAR ZENER DIODES 14PX2R TH STRAIGHT CONN, 3PX1R TH STRAIGHT CONN. 2 POSITIONS ALIGNED 2.54MM 1X30FT SELF-FUSING TAPE DIP Socket; No. of Contacts:28; Pitch Spacing:0.1"; Row Spacing:0.6"; Terminal Type:Solder Tail; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 硅平面稳压二极管 CONN HDR 8POS RT ANG POST 硅平面稳压二极管 DIP Socket; No. of Contacts:28; Pitch Spacing:0.1"; Row Spacing:0.6"; Terminal Type:Wire Wrap; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 10 V, 12.5 mA, silicon planar zener diode 39 V, 3.2 mA, silicon planar zener diode 6.8 V, 18.5 mA, silicon planar zener diode
|
http:// SEMTECH[Semtech Corporation] Semtech, Corp. Honey Technology
|
BXZ85/C3V0 BXZ85/C3V6 BXZ85/C5V6 BXZ85 BXZ85/C11 B |
surface mount silicon Zener diodes 表面贴装硅稳压二极管 SILICON PLANAR POWER ZENER DIODES
|
飞思卡尔半导体(中国)有限公司 Semtech, Corp. 齐纳二极 Semtech Corporation
|
ZMM55C10 ZMM55C11 ZMM55C12 ZMM55C13 ZMM55C15 ZMM55 |
Surface Mount Zener Dio de
|
SeCoS Halbleitertechnologie GmbH
|
MA3330 MA3180 MAZ30820M MA3000 MA3140 MAZ3000 MAZ3 |
Silicon planar type Silicon planar type 33 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Small-signal device - Diodes - Zener Diodes Zener Diodes Silicon planar type
|
PANASONIC CORP Panasonic, Corp. http:// PANASONIC[Panasonic Semiconductor]
|
BZX85C75 BZX85200 BZX85C82 BZX8516 BZX85160 BZX852 |
surface mount silicon Zener diodes SILICON PLANAR POWER ZENER DIODES
|
GOOD-ARK[GOOD-ARK Electronics]
|
KDZ13V KDZ12V KDZ16V KDZ11V KDZ20V KDZ10V KDZ15V K |
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE(CONSTANT VOLTAGE REGULATION/ REFERENCE VOLTAGE) ZENER DIODE SILICON EPITAXIAL PLANAR DIODE(CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE) 20 characters x 2 Lines, 5x7 Dot Matric Character and Cursor LED 5MM 563NM HI GRN WATER CLEAR surface mount silicon Zener diodes 硅表面贴装齐纳二极管
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)] KEC Holdings
|
BZV85C51 BZV85C56 BZV85C5V1 BZV85C5V6 BZV85200 BZV |
SILICON PLANAR POWER ZENER DIODES 80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% surface mount silicon Zener diodes 表面贴装硅稳压二极管
|
GOOD-ARK[GOOD-ARK Electronics] Central Semiconductor, Corp. NXP Semiconductors N.V.
|
BZX85C18 BZX85C10 |
Silicon Planar Power Zener Diodes
|
TY Semiconductor Co., L...
|
MMPZ5265SPT MMPZ5258SPT MMPZ5248SPT MMPZ5243SPT MM |
SILICON PLANAR POWER ZENER DIODES
|
Chenmko Enterprise Co. ... Chenmko Enterprise Co. Ltd.
|
MMGZ5254BPT MMGZ5249BPT MMGZ5253BPT MMGZ5266BPT |
SILICON PLANAR POWER ZENER DIODES
|
Chenmko Enterprise Co. Ltd. Chenmko Enterprise Co. ...
|
ZMU120 ZMU100 ZMU150 ZMU180 |
SILICON PLANAR POWER ZENER DIODES
|
Honey Technology SEMTECH[Semtech Corporation]
|