PART |
Description |
Maker |
BXA10-48S12 BXA10-48S12W BXA10-48S15 BXA10 BXA10-1 |
2-line IPAD", EMI filter including ESD protection DC至DC转换 6-line IPAD", EMI filter including ESD protection 2-line IPAD", EMI filter including ESD protection 6-line IPAD", low capacitance EMI filter and ESD protection Mini and micro SD Card - EMI filtering and 25 kV ESD protection 7-line IPAD", EMI filter and ESD protection for LCD and cameras 6 line low capacitance EMI filter and ESD protection DC to DC Converter 8 line low capacitance EMI filter and ESD protection 8-10W Wide Input DC/DC Converters
|
ARTESYN[Artesyn Technologies]
|
CSPEMI306AG CSPEMI306A |
6 Channel EMI Filter Array with ESD Protection 6通道EMI滤波器与ESD保护阵列 6 Channel EMI Filter (30dB @ 900MHz) with ESD Protection @ ±15KV (IEC61000-4-2 Level 4 Contact Discharge), Chip Scale Package
|
California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
2499-003-X5W0-502P 4204-051 4401-007 4401-680 4401 |
Feed-Thru Capacitor 1 FUNCTIONS, 500 V, 20 A, FEED THROUGH CAPACITOR EMI/RFI FILTER 1 FUNCTIONS, 100 V, 10 A, DATA LINE FILTER EMI/RFI FILTER Bushing #8 1 FUNCTIONS, 200 V, 10 A, FEED THROUGH CAPACITOR EMI/RFI FILTER Bushing #8 1 FUNCTIONS, 100 V, 10 A, FEED THROUGH CAPACITOR EMI/RFI FILTER Bushing #12
|
TUSONIX, Inc. TUSONIX INC
|
CM1422 CM1420 CM1422-03CS CM1420-03CP CM1420-03CS |
6 and 8 Channel LCD Filter Array ESD Protection with OptiGuard Coating (CSPEMI606/608 pin compatible) (CM1420 / CM1422) LCD EMI Filter Array with ESD Protection LCD EMI Filter Array with ESD Protection 液晶EMI滤波器与ESD保护阵列
|
CALMIRCO[California Micro Devices Corp] California Micro Devices Corporation
|
EMIF04-EAR02M8 |
2-line EMI filter for earphones 2-line EMI filter for microphones
|
ST Microelectronics
|
F.LL.D3.016A.SH.R6 F.LL.D3.070A.SN.R1 |
520 V, 50/60 HZ, THREE PHASE EMI FILTER 480 V, 50/60 HZ, THREE PHASE EMI FILTER
|
KEMET ELECTRONICS CORP
|
NUF8600MN NUF8600MNTXG |
8 Line EMI Filter with ESD Protection 8-Channel EMI Filter with Integrated ESD Protection
|
ON Semiconductor
|
LX7201 LX7201-15ISF LX7201-22ISF |
EMI Filter & ESD Protection for Down Stream USB Ports 2 FUNCTIONS, 5.25 V, DATA LINE FILTER EMI FILTER & ESD PROTECTION FOR DOWN STREAM USB PORTS
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
NUF6001MU NUF6001MUT2G |
6 Line EMI Filter with ESD Protection(6绾垮甫ESD淇??EMI婊ゆ尝?? 6 Line EMI Filter with ESD Protection in UDFN Package
|
ON Semiconductor
|
4251-004LF |
EMI/RFI FILTER Bushing #8 1 FUNCTIONS, 100 V, 10 A, DATA LINE FILTER
|
TUSONIX, Inc.
|
4253-003 |
EMI/RFI FILTER Bushing #12 1 FUNCTIONS, 100 V, 10 A, DATA LINE FILTER
|
TUSONIX, Inc.
|
4101-069 |
EMI/RFI FILTER 1 FUNCTIONS, 125 V, 10 A, DATA LINE FILTER
|
TUSONIX, Inc.
|