PART |
Description |
Maker |
3DD4126PL-O-Z-N-C 3DD4126PL-O-M-N-C |
MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
|
JILIN SINO-MICROELECTRONICS CO., LTD.
|
3DD4125DT-O-T-N-C 3DD4125DM-O-M-N-C |
MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
|
JILIN SINO-MICROELECTRONICS CO., LTD.
|
3DD4121DM 3DD4121DM-O-M-N-C 3DD4121DT-O-T-N-C |
MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
|
JILIN SINO-MICROELECTRONICS CO., LTD.
|
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
HAT2027R |
Silicon N Channel Power MOS FET High Speed Power Switchin
|
HITACHI[Hitachi Semiconductor]
|
BY459X-1500 BY459X-1500S |
Damper diode fast, high-voltage(?诲凹浜??绠★?蹇??楂?? Damper diode fast, high-voltage(阻尼二极管,快速高 1500 V, SILICON, RECTIFIER DIODE, TO-220AC Damper diode fast/ high-voltage
|
NXP Semiconductors N.V. http:// PHILIPS[Philips Semiconductors]
|
APT50GF60B2RD APT50GF60LRD |
Fast IGBT & FRED 600V 80A The Fast IGBT⑩ is a new generation of high voltage power IGBTs. The Fast IGBT is a new generation of high voltage power IGBTs. Thin Film RF/Microwave Capacitor; Capacitance:3.9pF; Capacitance Tolerance: /- 0.1 pF; Working Voltage, DC:50V; Package/Case:0603; Leaded Process Compatible:Yes; Operating Temp. Max:125 C; Operating Temp. Min:-55 C ⑩的快速IGBT是一种高压IGBT的新一代
|
ADPOW[Advanced Power Technology] Advanced Power Technology, Ltd.
|
RGP10A RGP10B RGP10D RGP10G RGP10J RGP10K RGP10M |
Fast Recovery Pack: DO-41 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
|
Gulf Semiconductor
|
RGP15A RGP15B RGP15D RGP15G RGP15J RGP15K RGP15M |
Fast Recovery Pack: DO-15 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
|
Gulf Semiconductor
|
BY268 |
Fast Recovery Pack: SOD-57 SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE:1400 CURRENT: 0.8A
|
Gulf Semiconductor
|