PART |
Description |
Maker |
PN200 PN200A MMBT200 MMBT200A |
PNP General Purpose Amplifier PNP General Purpose Amplifier 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
B120NH03L 2SA1020G 2SA1020RLRA 2SA1020RLRAG 2SA177 |
N-channel 30V - 0.005ohm - 60A - TO-220 / D2PAK / I2PAK STripFET Power MOSFET for DC-DC conversion One Watt High Current PNP Transistor VOLTAGE AND CURRENT ARE NEGATIVE FOR PNP TRANSISTORS PNP Silicon General Purpose Amplifier Transistor NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver Switching Diode MPPS Miniature Package Power Solutions DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET Low?Voltage 1.8/2.5/3.3V 16?Bit Transparent Latch 8?Bit Bus Switch Low?Voltage 1.8/2.5/3.3V 16?Bit Transceiver
|
STMICROELECTRONICS ZETEX ONSEMI[ON Semiconductor]
|
2SA812 2SA812M6 2SA812M4 2SA812M5 2SA812M7 2SB812- |
Silicon transistor AUDIO FREQUENCY,GENERAL PURPOSE AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD AUDIO FREQUENCY/GENERAL PURPOSE AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 100MA I(C) | SOT-346
|
NEC
|
FMBM5401 FMBM5401SB74001 |
NPN General Purpose Amplifier PNP General Purpose Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
MPSA56 |
PNP General Purpose Amplifier 500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
MMPQ2907A FFB2907A FFB2907A_1 FMB2907A FMB2907ANL |
PNP Multi-Chip General Purpose Amplifier 600 mA, 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
PN5138 |
PNP General Purpose Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
BC212L |
PNP General Purpose Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
MMBT4126 2N4126 2N4126_01 |
PNP General Purpose Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
BCW68G |
PNP General Purpose Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|