PART |
Description |
Maker |
0878746001 87874-6001 |
5.08mm (.200), 2.54mm (.100) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus?/a> Pa-S Header, Through Hole, Right Angle, Beveled Metal Pins MOLEX Connector
|
http:// Molex Electronics Ltd.
|
14-56-8250 A-70400-3408 |
2.54mm (.100) Pitch SL Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 22, 0.76μm (30μ) Gold (Au), 25 Circuits 2.54mm (.100") Pitch SL垄芒 Insulation Displacement Connector Assembly
|
Molex Electronics Ltd.
|
SD-70287-003 |
2.54mm (.100") Pitch C-Grid庐 Header 2.54mm (.100) Pitch C-Grid? Header
|
Molex Electronics Ltd.
|
SD-70287-004 0702871009 |
2.54mm (.100") Pitch C-Grid庐 Header 2.54mm (.100) Pitch C-Grid? Header
|
Molex Electronics Ltd.
|
0942460012 |
2.54mm (.100) Pitch, MOX Header, 2.54mm (.100) Grid, Through Hole 2.54mm (.100") Pitch, MOX Header, 2.54mm (.100") Grid, Through Hole
|
Molex Electronics Ltd.
|
22-15-2096 A-4455-AZ09A 0022152096 |
2.54mm (.100) Pitch KK垄莽 PC Board Connector, Right Angle, End-to-End Stackable, 2.54楼矛m (100楼矛) Tin (Sn), 9 Circuits 2.54mm (.100) Pitch KK庐 PC Board Connector, Right Angle, End-to-End Stackable, 2.54渭m (100渭) Tin (Sn), 9 Circuits 2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 2.54μm (100μ) Tin (Sn), 9 Circuits
|
Molex Electronics Ltd.
|
A-70280-0115 0010897720 010-89-7720 |
2.54mm (.100) Pitch C-Grid? Breakaway Header, Dual Row, Vertical, High Temperature, 72 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.72mm (.107) PC Tail 2.54mm (.100") Pitch C-Grid垄莽 Breakaway Header, Dual Row
|
Molex Electronics Ltd.
|
4455-BH11DP909-10 50-36-1881 0050361881 A-4455-BH1 |
2.54mm (.100) Pitch KK? PC Board Connector, Bottom Entry, End-to-End Stackable, 0.254μm (10μ) Tin (Sn), 11 Circuits 2.54mm (.100") Pitch KK庐 PC Board Connector, Bottom Entry, End-to-End Stackable, 0.254渭m (10渭") Tin (Sn), 11 Circuits 2.54mm (.100") Pitch KK垄莽 PC Board Connector, Bottom Entry, End-to-End Stackable, 0.254楼矛m (10楼矛") Tin (Sn), 11 Circuits
|
Molex Electronics Ltd.
|
MMB1901R480 MM-B1901-R480 36512-0196 0365120196 |
2.54mm (.100) Pitch DIN 41612 Header, Vertical, Through Hole, 0.4μm (16μ) Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4渭m (16渭") Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4楼矛m (16楼矛") Selective Gold (Au), 48 Circuits
|
Molex Electronics Ltd.
|
|