PART |
Description |
Maker |
22-17-2027 0022172027 A-4455-BH02J |
2.54mm (.100) Pitch KK? PC Board Connector, Bottom Entry, 0.80μm (30μ) Gold (Au), 2 Circuits 2.54mm (.100) Pitch KK庐 PC Board Connector, Bottom Entry, 0.80渭m (30渭) Gold (Au), 2 Circuits 2.54mm (.100) Pitch KK垄莽 PC Board Connector, Bottom Entry, 0.80楼矛m (30楼矛) Gold (Au), 2 Circuits
|
Molex Electronics Ltd.
|
SD-70287-004 0702871009 |
2.54mm (.100") Pitch C-Grid庐 Header 2.54mm (.100) Pitch C-Grid? Header
|
Molex Electronics Ltd.
|
0741621214 SD-74162-001 |
2.54mm (.100) Pitch C-Grid? Receptacle 2.54mm (.100") Pitch C-Grid垄莽 Receptacle
|
Molex Electronics Ltd.
|
22-15-2136 A-4455-AZ13A 0022152136 |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 2.54μm (100μ) Tin (Sn), 13 Circuits 2.54mm (.100) Pitch KK庐 PC Board Connector, Right Angle, End-to-End Stackable, 2.54渭m (100渭) Tin (Sn), 13 Circuits 2.54mm (.100) Pitch KK垄莽 PC Board Connector, Right Angle, End-to-End Stackable, 2.54楼矛m (100楼矛) Tin (Sn), 13 Circuits
|
Molex Electronics Ltd.
|
22-15-2206 0022152206 |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 2.54μm (100μ) Tin (Sn), 20 Circuits 2.54mm (.100) Pitch KK庐 PC Board Connector, Right Angle, End-to-End Stackable, 2.54渭m (100渭) Tin (Sn), 20 Circuits 2.54mm (.100) Pitch KK垄莽 PC Board Connector, Right Angle, End-to-End Stackable, 2.54楼矛m (100楼矛) Tin (Sn), 20 Circuits
|
Molex Electronics Ltd.
|
A-70280-0115 0010897720 010-89-7720 |
2.54mm (.100) Pitch C-Grid? Breakaway Header, Dual Row, Vertical, High Temperature, 72 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.72mm (.107) PC Tail 2.54mm (.100") Pitch C-Grid垄莽 Breakaway Header, Dual Row
|
Molex Electronics Ltd.
|
0022283302 42225-0100 A-42225-0100 22-28-3302 |
2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, with Polarizing Wall, 30 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating 2.54mm (.100) Pitch KK庐 Header, Breakaway, Vertical, with Polarizing Wall, 30 Circuits, 0.76渭m (30渭) Gold (Au) Selective Plating 2.54mm (.100) Pitch KK垄莽 Header, Breakaway, Vertical, with Polarizing Wall, 30 Circuits, 0.76楼矛m (30楼矛) Gold (Au) Selective Plating
|
Molex Electronics Ltd.
|
MMB1901R480 MM-B1901-R480 36512-0196 0365120196 |
2.54mm (.100) Pitch DIN 41612 Header, Vertical, Through Hole, 0.4μm (16μ) Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4渭m (16渭") Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4楼矛m (16楼矛") Selective Gold (Au), 48 Circuits
|
Molex Electronics Ltd.
|
SD-98787-001 SD-98787-002 0987871018 |
2.54mm (.100) Pitch Pitch MOX Plug Housing 6 Circuits, Gray
|
Molex Electronics Ltd.
|
98787-1016 0987871016 |
2.54mm (.100) Pitch Pitch MOX Plug Housing, 6 Circuits, Blue
|
Molex Electronics Ltd.
|
0876313049 |
6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus PS-P Header
|
Molex Electronics Ltd.
|
|