PART |
Description |
Maker |
CA1323A2R CA1323A4R CA1323A6R |
For electrovalves, style A, 2p 2G, female, with cable
|
SHIELD s.r.l.
|
VL1323A2R VL1323A4R |
For electrovalves, style C, 2p or 3p G, female, field attachable
|
SHIELD s.r.l.
|
UPD7566G UPD7566CS |
4-BIT/ SINGLE-CHIP CMOS MICROCOMPUTERS WITH COMPARATOR EB Melody & Chime Series; Mounting Style: Panel mount; Functions: Melody & Chime; Rated Voltage: 120V AC; Style: Box style; Color: Beige Enclosure; Diameter: 133mm square; Applicable Model: EB
|
NEC Corp.
|
AMM-4F |
Addressable monitor module single circuit, Style D, Class A or Style BC/A and B
|
http://
|
BCL-814-WP |
Compression Style Ring Tongue Terminal for 8 AWG Wire, Stud Style 1/4, Un-PlatedWide Pad
|
Molex Electronics Ltd.
|
ZS310L ZS330L ZS100L ZS115L ZS120L ZS130L ZS140L Z |
1WATT SURFACE MOUNT ZENER DIODE Circular Connector; Body Material:Aluminum; Series:PT01; No. of Contacts:5; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Socket; Insert Arrangement:18-5 1瓦表面贴装稳压二极管 Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:22-36 Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:20-24 Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:18-32 Style:Cable Receptacle; Circular Contact Gender:Socket; Insert Arrangement:18-32 Gender:Socket; Circular Shell Style:Cable Receptacle; Insert Arrangement:18-32 Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:18-5 Style:Cable Receptacle; Circular Contact Gender:Socket; Insert Arrangement:24-31 Style:Cable Receptacle; Circular Contact Gender:Socket; Insert Arrangement:22-55 Gender:Pin; Circular Shell Style:Cable Receptacle; Insert Arrangement:22-55
|
Formosa Microsemi Co., Ltd. 美丽微半导体有限公司 FORMOSA[Formosa MS]
|
LT1576IS8-5SYNC LT1576IS8-SYNC LT1576CS8-SYNC LT15 |
1.5A/ 200kHz Step-Down Switching Regulator MM,62.5M,BREAKOUT STYLE BULK FO CBL - 24FIBER 100 MM,62.5M,BREAKOUT STYLE BULK FO CBL - 12FIBER 100 CAP 100UF 25V ELECT TG SMD MM,62.5M,DIST STYLE,BULK FO CABLE - 12FIB 1000FT MM,62.5M,DIST STYLE,BULK FO CABLE - 4FIB 500FT CAP 220UF 16V ELECT TG SMD CAP 330UF 16V ELECT TG SMD CAP 220UF 25V ELECT TG SMD MM,62.5M,BREAKOUT STYLE BULK FO CBL - 24FIBER 100 3.5 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology Corporation Linear Technology, Corp.
|
2N7000 |
CASE 29-04, STYLE 22 TO-92 (TO-226AA) 200 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 CASE 29-04/ STYLE 22 TO-92 (TO-226AA)
|
Motorola Mobility Holdings, Inc. Motorola, Inc. Motorola Inc MOTOROLA[Motorola, Inc]
|
DTA143EE DTA143EE_D ON0279 |
Bias Resistor Transistor CASE 463-01, STYLE 1 SOT-416/SC-90 CASE 463-1, STYLE 1 SOT-16/SC-0 From old datasheet system
|
ON Semiconductor MOTOROLA[Motorola, Inc]
|
BAS16LT1 ON0114 |
CASE 31808, STYLE 8 SOT23 (TO236AB) SILICON, SIGNAL DIODE, TO-236AB CASE 31808/ STYLE 8 SOT23 (TO236AB) From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola Inc MOTOROLA[Motorola, Inc]
|
EBE41RE4AAHA-5C-E |
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:5; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight
|
Elpida Memory, Inc.
|