PART |
Description |
Maker |
FQP8N90C FQPF8N90C |
900V N-Channel Advance Q-FET C-Series 900V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
STU8NB90 6380 |
N-CHANNEL 900V - 0.7 Ohm - 8.9A - Max220 PowerMESH MOSFET OLD PRODUCT: NOT SUITABLE FOR NEW DESIGN-IN N-CHANNEL 900V - 0.7 - 8.9A - Max220 PowerMESH TM MOSFET N-CHANNEL 900V - 0.7ohm - 8.9A - Max220 PowerMESH MOSFET From old datasheet system
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FQB2NA90 FQI2NA90 FQB2NA90TM FQI2NA90TU |
900V N-Channel QFET 900V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
STB6NC90Z STB6NC90Z-1 STP6NC90ZFP STP6NC90Z |
N-CHANNEL 900V - 1.55ohm - 5.4A TO-220/FP/D?PAK/I?PAK Zener-Protected PowerMESH⑩III MOSFET N沟道900V - 1.55ohm - 5.4A TO-220/FP/D?巴基斯我?巴基斯坦齐保护的PowerMESH⑩三MOSFET N-CHANNEL 900V - 1.55 OHM - 5.4A TO-220/FP/DPAK/IPAK ZENER-PROTECTED POWERMESH III MOSFET N-CHANNEL 900V - 1.55ohm - 5.4A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 900V - 1.55ohm - 5.4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STW8NC90Z 7251 |
N-CHANNEL 900V 1.1OHM 7.6A TO-247 ZENER-PROTECTED POWERMESH III MOSFET N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH?┥II MOSFET N-CHANNEL 900V 1.1OHM 7.6A TO-247 ZENER-PROTECTED POWERMESH III MOSFET From old datasheet system N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH?III MOSFET
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STH7NA90FI STW7NA90FI STW7NA90 5599 |
-频道900V - 1.05ohm - 7A TO-247/ISOWATT218 FAST的功率MOSFET N沟道900V -1.05Ω- 7A条,TO-247/ISOWATT218快速功率MOSFET(不适用沟道快速功率MOSFET的) From old datasheet system N-CHANNEL MOSFET N - CHANNEL 900V - 1.05OHM - 7A - TO-247/ISOWATT218 FAST POWER MOSFET N - CHANNEL 900V - 1.05 Ohm - 7A - TO-247/ISOWATT218 FAST POWER MOSFET
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
STE40NK90ZD06 |
N-channel 900V - 0.14Ω - 40A ISOTOP Super FREDmesh MOSFET N-channel 900V - 0.14ヘ - 40A ISOTOP Super FREDmesh⑩ MOSFET N-channel 900V - 0.14Ω - 40A ISOTOP Super FREDmesh?/a> MOSFET
|
STMicroelectronics
|
STB3NC90Z-1 STP3NC90ZFP STP3NC90Z |
N-CHANNEL 900V - 3.2ohm - 3.5A TO-220/TO-220FP/I2PAK Zener-Protected PowerMESH?III MOSFET N-CHANNEL 900V - 3.2ohm - 3.5A TO-220/TO-220FP/I2PAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 900V - 3.2ohm - 3.5A TO-220/TO-220FP/I2PAK Zener-Protected PowerMESH⑩III MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STP6NB90FP STP6NB90 6444 |
N - CHANNEL 900V - 1.7ohm - 5.8A - TO-220/TO-220FP PowerMESH MOSFET -频道900V - 1.7ohm - 5.8A - TO-220/TO-220FP PowerMESH MOSFET N - CHANNEL 900V - 1.7 - 5.8A - TO-220/TO-220FP PowerMESH TM MOSFET From old datasheet system N - CHANNEL 900V - 1.7ohm - 5.8A - TO-220/TO-220FP PowerMESH MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
FQPF9N90C FQPF9N90CT FQP9N90C |
N-Channel QFETMOSFET 900V, 8A, 1.4 N-Channel QFET MOSFET 900 V, 8.0 A, 1.4 Ohm
|
Fairchild Semiconductor
|
STE30NK90Z STE30NK90Z06 |
N-channel 900V - 0.21楼? - 28A ISOTOP Zener-Protected SuperMESTM MOSFET N-channel 900V - 0.21Ω - 28A ISOTOP Zener-Protected SuperMESTM MOSFET
|
STMicroelectronics
|
HFH11N90 |
900V N-Channel MOSFET
|
SemiHow Co.,Ltd.
|