PART |
Description |
Maker |
PCIMX536AVV8B MCIMX53XA |
i.MX53xA Automotive and Infotainment Applications Processors
|
Freescale Semiconductor, Inc
|
1.5KA9.1A 1.5KA10 1.5KA10A 1.5KA11 1.5KA11A 1.5KA1 |
Automotive Transient Voltage Suppressors Breakdown Voltage 43V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 8.2V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 9.1V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 7.5V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 6.8V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 39V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 36V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 33V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 30V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 27V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 24V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 22V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 20V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 18V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 16V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 15V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 13V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 12V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 11V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 10V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors 汽车瞬态电压抑制器
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
BLM31PG391SN1L BLM31PG601SH1P BLM31PG121SN1L BLM31 |
For Automotive Chip Ferrite Bead for Automotive BLM31P Series (1206 Size)
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co...
|
MDL50600 MD25100 MD251000 MD35800 MD351000 MDL2505 |
600 V, 50 A, rectifier automotive diode 100 V, 25 A, rectifier automotive diode 1000 V, 25 A, rectifier automotive diode 800 V, 35 A, rectifier automotive diode 1000 V, 35 A, rectifier automotive diode 50 V, 25 A, rectifier automotive diode
|
TRANSYS Electronics Limited
|
RD25050-W-AU RD25100-W-AU RD251000-W-AU RD25200-W- |
50 V, 25 A, rectifier automotive die 100 V, 25 A, rectifier automotive die 1000 V, 25 A, rectifier automotive die 200 V, 25 A, rectifier automotive die
|
TRANSYS Electronics Limited
|
LQH32CH100K23B LQH32CH100K23K LQH32CH100K33B LQH32 |
Chip Inductor for Automotive (Chip Coil for Automotive) Power Inductor (Wire Wound Type for Choke) LQH32C_23/LQH32C_33 Series (1210 Size)
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co...
|
GBA35M GBA35M-15 |
Block Type Avalanche Automotive Rectifier Block Type Avalanche Automotive Rectifier Voltage Range 37-41 Volts Current 35 Amps
|
GOOD-ARK Electronics
|
G8J-1C7T-DC12 G8J-1C7T-MF-DC12 G8J-1C7T-MF-R-DC12 |
Automotive Relay General Purpose Automotive Power Relay
|
Omron Electronics LLC
|
GAABJ40Z GAABJ40Z-15 |
Press Fit Avalanche Automotive Rectifier Press Fit Avalanche Automotive Rectifier (BOSCH) Avalanche Voltage 24 to 32Volts Current 40 Amps
|
GOOD-ARK Electronics
|
AN602 |
Driver ICs for Automotive Diagnostic Communications Meet ISO 9141 Standards Driver Ics for Automotive Diagnostic Communications Meet ISO9141 Stndards
|
Vishay Siliconix
|
BUV28A BUV40 BUV27A BUW91 BUV26A |
8-bit MCU for automotive with single voltage, Flash memory, data EEPROM, ADC, timers, SPI 8-bit low cost, low pin-count MCU for automotive with single voltage Flash memory, ADC, timers 8-bit MCU for automotive with Flash or ROM, 10-bit ADC, 5 timers, SPI, LINSCI", active CAN 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 12A条一(c)| TO - 220AB现有 VERY LOW DROP VOLTAGE REGULATOR 晶体管|晶体管| npn型| 200伏五(巴西)总裁|5A一(c)|的SOT - 93
|
STMicroelectronics N.V.
|
GB304-N GB302 GB303-N GB302-15 GB303-P GB304-P GB3 |
Block Type Automotive Rectifier Block Type Automotive Rectifier Voltage Range 200 to 400 Volts Current 30 Amps
|
GOOD-ARK Electronics
|