PART |
Description |
Maker |
ISL9000IRNFZ ISL9000 ISL9000IRBJZ ISL9000IRBJZ-T I |
Dual LDO with Low Noise, Very High PSRR, and Low IQ DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 RES THICK FILM POWER 24 OHM 5W
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL9000AMRNCEP |
Dual LDO with Low Noise, Very High PSRR and Low IQ DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
R1112N R1112N4.3BTR R1112N4.0BTR R1112N1.6ATL R111 |
Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Taping type TL Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Taping type TL LOW NOISE 150mA LDO REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO5 Analog IC 模拟IC Test fixture for 0402 - 1812 body sizes Linear Sensor Photodiode Array; 102x1 Sensor-Elements Organization; 300 Dots-Per-Inch (DPI) Sensor Pitch; On-Chip 8-bit Analog-to-Digital Conversion; Three-Zone Prgrammable Offset (Dark Level) and Gain; High Sped Serial Interface; 1MHz Pixel Rate High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com
|
HIROSE ELECTRIC Co., Ltd. Ricoh Co., Ltd. RICOH electronics devic...
|
ISL9014AIRPPZ-T ISL9014AIRFDZ-T ISL9014AIRPLZ-T IS |
Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
ISL9012IRFDZ-T ISL9012IRCJZ-T ISL9012IRMGZ-T ISL90 |
Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
ISL9000AIRFCZ ISL9000AIRFDZ ISL9000AIRFJZ ISL9000A |
Dual LDO with Low Noise, Very High PSRR and Low IQ
|
Renesas Electronics Corporation
|
ISL9011A ISL9011AIRBBZ ISL9011AIRBCZ ISL9011AIRBJZ |
Dual LDO with Low Noise, Low IQ, and High PSRR
|
INTERSIL[Intersil Corporation]
|
ISL9014AIRKKZ |
Dual LDO with Low Noise, Low IQ, and High PSRR
|
Renesas Electronics Corporation
|
ISL9000AMRNCEP |
Dual LDO with Low Noise, Very High PSRR and Low IQ
|
Intersil Corporation
|
AP7342D-3333FS6-7 |
DUAL 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
|
Diodes Incorporated
|
1763FS LT1763-2.5 LT1763-1.5 LT1763-1.8 LT1763-3.3 |
500mA, Low Noise, LDO Micropower Regulators(2.5V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(1.5V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(3V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(2.5V输出000mA,低噪声,低压差稳压器) 500mA的,低噪声,LDO的微功耗稳压器2.5V的输出,五零零零毫安,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(3V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(3.3V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(1.8V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(1.5V输出5000mA,低噪声,低压差稳压器) From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation
|
ISL9021IRUMZ-T ISL9021IINZ-T ISL9021IICZ-T ISL9021 |
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
|
Intersil Corporation
|