PART |
Description |
Maker |
ELJPE4N7KF ELJPF3N9DF ELJPB220KF ELJPB221KF ELJPE1 |
High Power Types PF, PE, PC, PA, PB
|
Panasonic Semiconductor http://
|
KIA7429F KIA7429P KIA7432P KIA7433F KECHOLDINGS-KI |
B>2.9V)) Voltage Detector For Power On And Instantaneous Power off In CPU System Of All Types And Wired Logic System(电压检测器(用于各类CPU系统和有线逻辑系统的上电和瞬时掉电检复位信号发生电压.2V)) Voltage Detector For Power On And Instantaneous Power off In CPU System Of All Types And Wired Logic System(电压检测器(用于各类CPU系统和有线逻辑系统的上电和瞬时掉电检复位信号发生电压.9V)) 电压检测器电源开启和关闭系统的瞬时功率各级各类在CPU有线逻辑系统(电压检测器(用于各类CPU的系统和有线逻辑系统的上电和瞬时掉电检测,复位信号发生电压.9V至) Voltage Detector For Power On And Instantaneous Power off In CPU System Of All Types And Wired Logic System(电压检测器(用于各类CPU系统和有线逻辑系统的上电和瞬时掉电检复位信号发生电压2.9V)) 电压检测器电源开启和关闭系统的瞬时功率各级各类在CPU有线逻辑系统(电压检测器(用于各类CPU的系统和有线逻辑系统的上电和瞬时掉电检测,复位信号发生电压2.9V至) Voltage Detector For Power On And Instantaneous Power off In CPU System Of All Types And Wired Logic System(电压检测器(用于各类CPU系统和有线逻辑系统的上电和瞬时掉电检复位信号发生电压3.3V)) 电压检测器电源开启和关闭系统的瞬时功率各级各类在CPU有线逻辑系统(电压检测器(用于各类CPU的系统和有线逻辑系统的上电和瞬时掉电检测,复位信号发生电压3.3伏) Voltage Detector For Power On And Instantaneous Power off In CPU System Of All Types And Wired Logic System(?靛?妫??????ㄤ???被CPU绯荤????绾块?杈?郴缁??涓??????舵??垫?娴?澶??淇″?????靛?锛?.3V))
|
KEC Holdings
|
UCD4002B UCD4002BG-S14-T UCD4002BG-P14-T UCD4002BL |
CMOS NOR Gates High-Voltage Types
|
Unisonic Technologies
|
VE13P00251KED VE13P00461K VE17P00461K VE24P00461K |
VARISTOR METAL-OXIDE 320V 70J 645V-CV 230PF RAD.3 10MM-DIA T&R RESISTOR, VOLTAGE DEPENDENT, 320 V, 70 J, THROUGH HOLE MOUNT Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (“P Series? VE/VF Types for Heavy Duty Applications (P Series) VE/VF Types for Heavy Duty Applications (P Series) Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (“P Series?
|
ITT Interconnect Solutions AVX Corporation
|
P6KE200CA P6KE47CA P6KE30CA P6KE56CA P6KE33CA P6KE |
UNI AND BIDIRECTIONAL TYPES/ PEAK PULSEPOWER : 600W From old datasheet system TRANSIL TM UNI AND BIDIRECTIONAL TYPES PEAK PULSEPOWER : 600W UNI AND BIDIRECTIONAL TYPES, PEAK PULSEPOWER : 600W Octal Buffers/Drivers with 3-State Outputs 20-SSOP/QSOP -40 to 85 Single Output LDO, 200mA, Fixed(2.85V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 3-V to 5.5-V Multichannel RS-232 1-MBit/s Line Driver/Receiver 28-SOIC -40 to 85 Octal D-Type Registers with 3-State Outputs 20-SOIC -40 to 85 Single Output LDO, 1.0A, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-223 -40 to 125 Single Output LDO, 1.0A, Fixed(2.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125 Single Output LDO, 1.0A, Fixed(5.0V), Low Noise, High PSRR 6-SOT-223 -40 to 125 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
PIC7518 PIC7513 PIC7533 PIC7516 PIC645 PIC7536 PIC |
Semiconductor Devices, Silicon hybrid Switching Regulators High Reliability Types Semiconductor Devices Silicon hybrid Switching Regulators High Reliability Types
|
MICROSEMI[Microsemi Corporation]
|
IXTA36N30P IXTQ36N30P IXTP36N30P |
Discrete MOSFETs: Standard N-channel Types POLARHT POWER MOSFET
|
IXYS Corporation
|
IXGH50N60B2 IXGT50N60B2 |
IGBT Discretes: Mid-Frequency Range (15KHz-40KHz) Types Single IGBT HiPerFASTTM IGBT B2-Class High Speed IGBTs
|
IXYS Corporation
|
DSP1LDC9VRF DSP2ALDC9VRF DSP1DC9VRF DSP1ALDC9VRF D |
8 A MINIATURE POWER RELAY IN DS RELAY SERIES Latching types available
|
Panasonic Semiconductor
|
BYW32 BYW36 BYW35 BYW33 BYW34 |
Fast Silicon Mesa Rectifiers From old datasheet system Composite Data, Audio, Video, Security & Control Cable; Composite Conductor Types:2 Coaxial 8 Pairs 2 Fibers; Number of Conductors:18; Conductor Composite Cable; Composite Conductor Types:2 Coaxial 8 Pairs; Number of Conductors:18; Conductor Size AWG:24-18; No. Strands x Strand Size:Solid Composite Data, Audio, Video, Security & Control Cable; Composite Conductor Types:2 Coaxial 8 Pairs; Number of Conductors:18; Conductor Size AWG ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80%
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Telefunken
|
IXTQ82N25P IXTK82N25P IXTT82N25P |
PolarHT Power MOSFET Discrete MOSFETs: Standard N-channel Types
|
IXYS[IXYS Corporation]
|
BL-R313G BL-R513G BL-BX113G BL-BX113C BL-BX139 BL- |
BIGGER SIZE LED LAMPS (ROUND TYPES) 较大尺寸的LED节能灯(圆形类型 MBL /-5V/200MV RED 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SOIC -55 to 125 High Speed CMOS Logic Phase-Locked Loop with VCO and Lock Detector 16-PDIP -55 to 125 High Speed CMOS Logic 8-Bit Shift Register with Input Storage 16-SOIC -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125
|
?╁??′唤?????? Yellow Stone, Corp. 早安股份有限公司
|