PART |
Description |
Maker |
DMS-30-CP DMS-30194 DMS-30193 DMS-30195 DMS-BZL2 D |
Alternate Source for DP-650 Series, 3陆 Digit LCD DIsplay Digital Panel Voltmeters Alternate Source for DP-650 Series, 3? Digit LCD DIsplay Digital Panel Voltmeters
|
Murata Power Solutions Inc. http://
|
VTD205 |
Alternate Source/ Second Source Photodiodes
|
PERKINELMER[PerkinElmer Optoelectronics]
|
MCE-6E8F-Z01 |
650 NM LASER DIODE 650 nm激光二极管
|
Electronic Theatre Controls, Inc. etc Unity Opto Technology List of Unclassifed Manufacturers
|
8168J80AKE22 8060 8261SHAPE223 8161SHAKE22 |
Alternate Action and Momentary Pushbutton Switches
|
ITT Corporation ITT Industries
|
FDP8896F085 |
30V N-Channel PowerTrenchMOSFET. (Transferred to alternate site. Please contact local reps for details)
|
Fairchild Semiconductor
|
MAX5182 MAX5185 |
Dual.10-Bit.40MHz Current/Voltage Output DACs with Alternate Phase Update Dual, 10-Bit, 40MHz Current/Voltage Output DACs with Alternate Phase Update
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
554-1231-111 554-1231-311 |
554 SERIES SINGLE AND DUAL LAMP SWITCHES, Alternate 30 VDC/125 Vac DPDT
|
Dialight Corp.
|
U444-016-V |
USB 3.1 Gen 1 to VGA DisplayPort Alternate Mode Adapter Cable (M/M), 1920 x 1200 (1080p), 16 ft.
|
Tripp Lite. All Rights ...
|
ADN8810 ADN8810-EVAL ADN8810ACP ADN8810ACP-REEL7 A |
12-Bit High Output Current Source A Programmable Precision Current Source Designed For Tunable Lasers
|
模拟信号调理 Analog Devices, Inc.
|
KI4953DY |
100per Rg Tested Drain-Source Voltage Vds -30V Gate-Source Voltage Vgs -20V
|
TY Semiconductor Co., Ltd
|
STF15N65M5 STP15N65M5 STFI15N65M5 |
N-channel 650 V, 0.308 Ohm, 11 A MDmesh(TM) V Power MOSFET in I2PAKFP package N-channel 650 V, 0.308 ohm typ., 11 A MDmesh V Power MOSFET N-channel 650 V, 0.308 Ω typ., 11 A MDmesh V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
|
ST Microelectronics STMicroelectronics
|
A6812EA A6812EEP A6812ELW 6812 A6812 A6812SA A6812 |
DABiC-IV, 20-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER 达比奇第四,20位串行输入,锁存源驱 ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 达比奇第四,20位串行输入,锁存源驱 DABiC-IV. 20-BIT SERIAL-INPUT. LATCHED SOURCE DRIVER DABiC-IV,20-Bit Serial-Input, Latched Source Driver(驱动真空荧光显示器的DABiC-IV,20位锁存源驱动 DABiC-IV/ 20-BIT SERIAL-INPUT/ LATCHED SOURCE DRIVER DABiC-IV 20-BIT SERIAL-INPUT LATCHED SOURCE DRIVER
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|