PART |
Description |
Maker |
B82500-C-A10 B82500-C-A2 B82500-C-A8 B82500-C-A5 |
VHF chokes with ferrite core Rated voltage 250 V dc/ac Rated current 0,2 to 2 A Rated inductance 120 to 3900 mH
|
EPCOS AG
|
B84110-B-A14 |
Power line filter for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1,4 A
|
EPCOS AG
|
B84114-D-A30 B84114-D-A60 B84114-D-B20 B84114-D-K1 |
SIFI-D for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 10 A 推出SIFI -高插入额定电50损失研发0/60赫兹额定电流1 A0
|
EPCOS AG
|
CB-25AP |
Small size magnetic type sound generator. Rated voltage 5 VDC. Rated current: average 80 mA peak 180 mA. Outer dimensions: diameter 25 mm, height 12.5 mm.
|
Citizen Electronics
|
ACVX1240 |
5Vdc SINE OUTPUT FULL-SIZE DIP VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
|
ABRACON[Abracon Corporation]
|
AHVX1025L AHVX1025 |
TTL / CMOS HALF-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
|
ABRACON[Abracon Corporation]
|
ACVX1220L ACVX1220 |
TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
|
ABRACON[Abracon Corporation]
|
RE025 |
RE025 [Updated 2/03. 10 Pages] The RE025 is a Low Drop Out (LDO) voltage regulator macrocell with programmable 2.8V or 2.9V output voltages. rated A Low Drop Out (LDO) voltage regulator macrocell with programmable 2.8V or 2.9V output voltages, rated for loads of up to 30 mA. A typical application is radio section supply in mobile terminals.
|
Atmel
|
PT-2725PQ |
1.5 at Rated Voltage
|
DB Lectro Inc
|
BSS806N |
OptiMOS2 Small-Signal-Transistor Ultra Logic level (1.8V rated) Avalanche rated
|
TY Semiconductor Co., Ltd
|
NMA0509D NMA0509S |
DC/DC converter, 1 watt. Output voltage -9VDC. Output current -56mA. Imput 5VDC .
|
International Power Sources
|