PART |
Description |
Maker |
IR2117S IR2118S IR2117PBF IR2118SPBF IR2117 IR2117 |
Single High Side Driver, Inverting Input in a 8-pin DIP package Single High Side Driver, Inverting Input in a 8-lead SOIC package Single High Side Driver, Noninverting Input in a 8-lead SOIC package Single channel driver
|
IRF[International Rectifier]
|
AM29CPL154H-25DC AM29CPL154H-25/BXA AM29CPL154H-25 |
User Programmable Special Function ASIC 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7219 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6788U with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI260 with Standard Packaging 800V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRFAE40 with Standard Packaging -55V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRF5NJ5305 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9110 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFN340 with Standard Packaging 1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFNG50 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7237 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANS2N7237 with Standard Packaging 40V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRL7N1404 with Standard Packaging 用户可编程ASIC的特殊功
|
Advanced Micro Devices, Inc.
|
OM6017SA OM6018SA OM6019SA OM6020SA OM6019SW OM602 |
200V Single N-Channel Hi-Rel MOSFET in a D3 package 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 100V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 400V Single N-Channel Hi-Rel MOSFET in a D3 package 400V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 500V Single N-Channel Hi-Rel MOSFET in a D3 package 500V Single N-Channel Hi-Rel MOSFET in a TO-254AA package POWER MOSFET IN HERMETIC ISOLATED TO-254AA PACKAGE SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 400V单N沟道高可靠性的D3的封装MOSFET
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC] Microsemi, Corp.
|
PST9346U PST9319U PST9342U PST9339U PST9338U PST93 |
-40V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7241 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR9024NCPBF with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF9Z24NS with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a Micro 3 package; A IRLML6402 with Tape and Reel Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF5305 with Standard Packaging Voltage Detector 电压检测器 -12V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7220 with Standard Packaging 电压检测器 -30V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7406 with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU9120N with Standard Packaging
|
Maxim Integrated Products, Inc.
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
OM6009SA OM6010SA OM6011SA OM6012SA OM6109SA OM611 |
500V Single N-Channel Hi-Rel MOSFET in a D3 package 400V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 400V Single N-Channel Hi-Rel MOSFET in a D3 package 500V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 200V Single N-Channel Hi-Rel MOSFET in a D3 package 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 100V Single N-Channel Hi-Rel MOSFET in a TO-254AA package POWER MOSFETS IN HERMETIC ISOLATED 100V Single N-Channel Hi-Rel MOSFET in a D3 package 100V的单个N -沟道高可靠性的D3的封装MOSFET
|
International Rectifier List of Unclassifed Manufacturers ETC ITT, Corp.
|
AM29DL161DB120EI AM29DL161DB70EI AM29DL161DB90EI A |
-100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A 2N6845 with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A IRFE220 with Standard Packaging x8/x16 Flash EEPROM 55V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A IRF5M3205 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package; A IRFY130CM with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9220 with Standard Packaging -55V Single P-Channel Hi-Rel MOSFET in a TO-257AA package; A IRF5Y5305CM with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9230 with Standard Packaging x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
BL-PSW-USD-C20 BL-PSW-USD-C10 BL-PSW-SSD-C10 BL-PS |
SINGLE COLOR LED, TRUE GREEN, 2.5 mm SINGLE COLOR LED, BLUE, 2.5 mm SURFACE MOUNT PACKAGE-2 SINGLE COLOR LED, WHITE, 2.5 mm SURFACE MOUNT PACKAGE-2 InGaN BIKINI High brightness surface mount LED.
|
AMERICAN BRIGHT OPTOELECTRONICS CORP American Bright Optoelectronics, Corp. BRIGHT LED ELECTRONICS CORP
|
IR21271S IR2128S IR2127 IR21271STR IR2127S IR2127S |
Single High Side Driver, Inverting Inputs, Current Sensing, Overcurent Detection and Shutdown Fault Output in a 8-lead SOIC package Single High Side Driver, Inverting Inputs, Current Sensing, Overcurent Detection and Shutdown Fault Output in a 8-pin DIP package Single High Side Driver, Noninverting Inputs, Current Sensing, Overcurent Detection and Shutdown Fault Output in a 8-lead SOIC package Single High Side Driver, Noninverting Inputs, Current Sensing, Overcurent Detection and Shutdown Fault Output in a 8-pin DIP package CURRENT LIMITING SINGLE CHANNEL DRIVER
|
International Rectifier
|