PART |
Description |
Maker |
STR-A6159 STR-A6151 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Universal-Input/13 or 16 W Flyback Switching Regulators
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
LT1376HVCSTR LT1376CSTRPBF LT1376HVCSPBF LT1375IS8 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDSO16 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDSO8 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC1142-ADJ LTC1142HV-ADJ LTC1142HVCG-ADJ LTC1142L |
Dual High Efficiency Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS OCTAL BUS TRANSCEIVER O.C. 20-SO 0 to 70
|
Linear Technology Corporation
|
LT1170CQPBF LT1172CQPBF LT1172CS8PBF |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 11 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
SM602HRR SM600HRR SM612 SM600 SM610 SM612R SM600R |
(SM600 - SM612) SWITCHING REGULATOR POWER OUTPUT STAGES RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS SPECIALTY ANALOG CIRCUIT, MBCY4 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
PSR53-7 PSA5A2-2 PSA153-2 PSA5A5-2 PSR52-7 PSR54-7 |
1...6 A Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
POWER-ONE[Power-One] http://
|
STR-S5703 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS OFF-LINE SWITCHING REGULATOR WITH BIPOLAR SWITCHING TRANSISTOR
|
Allegro MicroSystems, Inc.
|
MC34166T |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 6 A SWITCHING REGULATOR, 81 kHz SWITCHING FREQ-MAX, PSFM5
|
ON Semiconductor
|
LT1424-5 LT1424CN8-5 LT1424CS8-5 LT1424IN8-5 LT142 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 1.9 A SWITCHING REGULATOR, 320 kHz SWITCHING FREQ-MAX, PDIP8 From old datasheet system Isolated Flyback Switching Regulator with 5V Output
|
Linear Technology, Corp.
|
LT1933IS6 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 1.05 A SWITCHING REGULATOR, 600 kHz SWITCHING FREQ-MAX, PDSO6
|
Linear Technology, Corp.
|