PART |
Description |
Maker |
0001.1001 0001.1002 0001.1003 0001.1004 00011001 0 |
Miniature Fuse, 5 x 20 mm, Quick-Acting F, H, 250 VAC
|
Schurter Inc.
|
00343401 |
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
|
Schurter Inc.
|
0.34.3405 0.34.3407 0.34.3409 0.34.3410 0.34.3411 |
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
|
Schurter Inc.
|
00011021 0001.1022 0001.1024 0001.1025 0001.1027 0 |
Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, Sand, 250 VAC
|
Schurter Inc.
|
2010.0013 2010.0016 2010.0019 2010.0017 2010.0012 |
Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, L, 250 VAC
|
Schurter Inc.
|
SP6.3X32 SP6.3X32-18 |
Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, Sand, 250 VAC
|
Schurter Inc.
|
PCC-2 |
PC Board Fuse; Current Rating:3A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Leaded Process Compatible:No; Body Material:Plastic; Diameter:8.12mm; Fuse Size/Group:8.89 x 8.12 mm; Fuse Type:Fast Acting; Length:8.89mm
|
COOPER INDUSTRIES
|
00012501 0001.2501 0001.2502 0001.2503 0001.2504 0 |
Miniature Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, UL: 115 V - 300 VDC
|
Schurter Inc.
|
ST72T331N2T3 ST72T331N4T6 |
Leaded Cartridge Fuse; Current Rating:1.5A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Body Material:Glass; Diameter:4.5mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:No; Length:14.48mm 8位微控制
|
STMicroelectronics N.V.
|
Z86B0712PEC |
Leaded Cartridge Fuse; Current Rating:250mA; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes 8位微控制
|
Pasternack Enterprises, Inc.
|