PART |
Description |
Maker |
UPD43256B00 UPD43256B-XXL UPD43256B-XXLL UPD43256B |
32K X 8 STANDARD SRAM, 70 ns, PDSO28 32K X 8 STANDARD SRAM, 100 ns, PDSO28 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
|
NEC
|
UPD43257B |
256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
|
NEC
|
UPD43257BGU-85LL UPD43257BCZ-85LL UPD43257BCZ-70LL |
256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT 256K位CMOS静态RAM 32K的词8
|
NEC Corp. NEC, Corp.
|
IDT71V416VL IDT71V416VS15YGI IDT71V416VL10BEG IDT7 |
From old datasheet system 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 15 ns, PDSO44 Transformers Only Module 3.3V的CMOS静态RAM 4梅格56K x 16位) 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 3.3V的CMOS静态RAM 4梅格56K x 16位) 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 12 ns, PDSO44
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
LH51256L LH51256N-12L LH51256N-10L LH51256-10L LH5 |
CMOS 256K (32K X 8) STATIC RAM
|
Sharp Electrionic Components ETC
|
MX27C256 MX27C256PC-10 MX27C256PC-12 MX27C256PC-15 |
256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 55 ns, PDSO28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 70 ns, PQCC32 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 70 ns, PDIP28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 100 ns, PDIP28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 120 ns, PDIP28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 150 ns, PDIP28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 90 ns, PDIP28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 55 ns, PDIP28
|
PROM Macronix International Co., Ltd.
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
PDM31256SA10TY |
3.3V 256K static RAM 32K x 8-bit
|
PARADIGM
|
IDT7MP4145 IDT7MB4145S15Z IDT7MB4145S15M IDT7MB414 |
256K x 32 CMOS STATIC RAM MODULE 256K × 32的CMOS静态RAM模块 IC LOGIC 244TQ OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS -40 85C QSOP-20 55/TUBE 256 x 32 CMOS static RAM module
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Techn...
|
HN27C256G HN27C256G-17 HN27C256G-25 HN27C256G-20 |
256K (32K x 8-bit) UV EPROM, 200ns 256K (32K x 8-bit) UV EPROM, 250ns 32768-WORD x 8-BIT CMOS UV ERASABLE AND PROGRAMMABLE ROM 256K (32K x 8-bit) UV EPROM, 170ns
|
Hitachi Semiconductor
|
GLT7256L08-10J3 GLT7256L08-10TS GLT7256L08-12J3 GL |
10ns; Ultra high performance 3.3V 32K x 8 CMOS static RAM 12ns; Ultra high performance 3.3V 32K x 8 CMOS static RAM 15ns; Ultra high performance 3.3V 32K x 8 CMOS static RAM 8ns; Ultra high performance 3.3V 32K x 8 CMOS static RAM
|
G-LINK Technology
|