PART |
Description |
Maker |
TIM5964-16UL TIM5964-16UL09 |
HIGH POWER P1dB=42.5dBm at 5.9GHz to 6.4GHz
|
Toshiba Semiconductor
|
TIM7785-4UL09 |
HIGH POWER P1dB=36.5dBm at 7.7GHz to 8.5GHz
|
Toshiba Semiconductor
|
TIM4450-4UL06 |
HIGH POWER P1dB=36.5dBm at 4.4GHz to 5.0GHz
|
Toshiba Semiconductor
|
TIM7179-8UL06 |
HIGH POWER P1dB=39.5dBm at 7.1GHz to 7.9GHz
|
Toshiba Semiconductor
|
TIM7785-8UL06 |
HIGH POWER P1dB=39.5dBm at 7.7GHz to 8.5GHz
|
Toshiba Semiconductor
|
TIM4450-16UL09 |
HIGH POWER P1dB=42.5dBm at 4.4GHz to 5.0GHz
|
Toshiba Semiconductor
|
AWT6136 AWT6136RM5P8 AWT6136M5P8 |
450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
|
ANADIGICS[ANADIGICS, Inc]
|
AWT6388 AWT6388RM20P9 |
450 MHz - 460 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER 450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
|
ANADIGICS INC ANADIGICS, Inc
|
RT9801APE RT9801BPE RT9801AGE RT9711CPB RT9711CPBG |
80mΩ, 1.5A/0.6A High-Side Power Switches with Flag 80m惟, 1.5A/0.6A High-Side Power Switches with Flag 80m楼?, 1.5A/0.6A High-Side Power Switches with Flag 80mヘ, 1.5A/0.6A High-Side Power Switches with Flag User Programmable Micro-Power Voltage Detectors
|
Richtek Technology Corporation
|
CCF-2 |
Industrial Power, Flameproof (High Temperature Coating Meets EIA RS-325-A Spec), Small Size, High Power Rating, Excellent High Frequency Characteristics, Low Noise, Low Voltage Coefficient, Tape and Reel Packaging
|
Vishay
|
SML20W65 SML20B56 |
HIGH POWER TERMINATION 56 A, 200 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
|
TT electronics Semelab, Ltd. Seme LAB
|