PART |
Description |
Maker |
STP35NF10 STB35NF10 STB35NF10T4 |
N-CHANNEL 100V 0.030 OHM 40A TO-220/D2PAK LOW GATE CHARGE STRIPFET POWER MOSFET N-CHANNEL 100V - 0.030ohm - 40A TO-220 / D2PAK LOW GATE CHARGE STripFET?/a> POWER MOSFET N-CHANNEL 100V - 0.030ohm - 40A TO-220 / D2PAK LOW GATE CHARGE STripFET POWER MOSFET N-CHANNEL 100V - 0.030OHM - 40A TO-220 / D2PAK LOW GATE CHARGE STRIPFET⒙ POWER MOSFET N-CHANNEL 100V - 0.030ohm - 40A TO-220 / D2PAK LOW GATE CHARGE STripFET⑩ POWER MOSFET N-CHANNEL 100V - 0.030ohm - 40A TO-220 / D2PAK LOW GATE CHARGE STripFETPOWER MOSFET N沟道100V 0.030ohm - 40A 220 / D2PAK封装,低栅极电荷STripFET⑩功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
STB40NF10L 7743 |
N-CHANNEL 100V - 0.028ohm - 40A D2PAK LOW GATE CHARGE STripFET POWER MOSFET N-CHANNEL 100V 0.028 OHM 40A D2PAK LOW GATE CHARGE STRIPFET POWER MOSFET From old datasheet system N-CHANNEL 100V - 0.028ohm - 40A D2PAK LOW GATE CHARGE STripFET⑩ POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
RFP40N10LE RF1S40N10LESM RFG40N10LE FN4061 |
40A/ 100V/ 0.040 Ohm/ Logic Level N-Channel Power MOSFETs 40A, 100V, 0.040 Ohm, Logic Level N-Channel Power MOSFETs 40A 100V 0.040 Ohm Logic Level N-Channel Power MOSFETs From old datasheet system
|
INTERSIL[Intersil Corporation]
|
RF1K49157 FN4012 |
6.3A, 30V, 0.030 Ohm, Single N-Channel LittleFETPower MOSFET 6.3A, 30V, 0.030 Ohm, Single N-Channel LittleFET Power MOSFET From old datasheet system 6.3A, 30V, 0.030 Ohm, Single N-Channel LittleFET⑩ Power MOSFET
|
INTERSIL[Intersil Corporation]
|
APT10M30AVR |
POWER MOS V 100V 65A 0.030 Ohm Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
|
ADPOW[Advanced Power Technology]
|
STP3015L STB3015 STB3015L 6057 |
From old datasheet system N - CHANNEL 30V - 0.013 - 40A - D 2 PAK/TO-220 STripFET TM POWER MOSFET N - CHANNEL 30V - 0.013 ohm - 40A - D2PAK/TO-220 STripFETO POWER MOSFET -通道30V 0.013欧姆- 40A D2PAK/TO-220 STripFETO的功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
STB3020L 6474 |
CSED, FLANGE KIT 400A -通道30V 0.019ohm - 40A采用D2PAK STripFET]功率MOSFET From old datasheet system N - CHANNEL 30V - 0.019 - 40A - D 2 PAK STripFET TM POWER MOSFET N - CHANNEL 30V - 0.019ohm - 40A - D2PAK STripFET] POWER MOSFET N - CHANNEL 30V - 0.019W - 40A - D 2 PAK STripFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
FDS3992_04 FDS3992 FDS3992NL FDS399204 |
Dual N-Channel PowerTrench? MOSFET 100V, 4.5A, 62m?/a> Dual N-Channel PowerTrench㈢ MOSFET 100V, 4.5A, 62mз Discrete Commercial N-Channel PowerTrench MOSFET, 100V, 4.5A, 0.062 Ohms @ VGS = 10V, SO-8 Package
|
FAIRCHILD[Fairchild Semiconductor]
|
STE40NC60 |
N-CHANNEL 600V 0.098 OHM 40A ISOTOP POWERMESH II POWER MOSFET N-CHANNEL 600V - 0.098ohm - 40A ISOTOP PowerMesh⑩II MOSFET N-CHANNEL 600V - 0.098ohm - 40A ISOTOP PowerMesh?II MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRF5EA1310 |
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.036ohm, Id=23A) THRU-HOLE MOUNT (LCC-28) 100V, N-CHANNEL
|
IRF[International Rectifier]
|