PART |
Description |
Maker |
A132000 A132000H |
ADPCM SOUND CONTROLLER
|
AMIC Technology Corporation
|
PEB7274-HV1.2 PEF7274-HV1.2 |
QUAD ADPCM (4 Channel ADPCM Controller)
|
Infineon
|
CS4237B-KQ CS4237B-JQ CS4237B |
CrystalClear Advanced Audio System with 3D Sound
|
Cirrus Logic
|
ADAV4622 |
Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
|
Analog Devices
|
ADSP21MSP58 ADSP21MSP59 ADSP-21MSP59 |
DSP Microcomputer(DSP 寰??绠??) (ADSP21msp58 / ADSP21msp59) DSP Microcomputers
|
ANALOG DEVICES INC
|
ADSP-2163KP-100 ADSP-2166KS-66 ADSP-2166BS-66 ADSP |
DSP Microcomputers with ROM RECTIFIER FAST-RECOVERY SINGLE 1.5A 100V 50A-ifsm 1V-vf 50ns 5uA-ir DO-15 1K/BULK 100V 1A ULTRA FAST LOW-LOSS CONTROLLED AVALANCHE RECTIFIER, SMA US1 SERIES, DO- DSP Microcomputers with ROM 24-BIT, 16.67 MHz, OTHER DSP, PQCC68 DSP Microcomputers with ROM 24-BIT, 10.24 MHz, OTHER DSP, PQCC68 DSP Microcomputers with ROM 24-BIT, 20 MHz, OTHER DSP, PQFP80
|
Analog Devices, Inc. ANALOG DEVICES INC http://
|
ADSP-21160NCB-TBD ADSP-21160NKB-95 ADSP-21160N |
ADSP-21160N High Performance 32-Bit SHARC DSP DSP Microcomputer 64-BIT, 47.5 MHz, OTHER DSP, PBGA400 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护
|
Analog Devices, Inc.
|
ATSAM2193 ATSAM2193-G |
The ATSAM2193 provides a single-chip, low-cost MIDI sound system. Equipped with a serial and a parallel MIDI input, it provides state-of-the-art sound synthesis using a full GM sound set together with a range of compatible effects. Its low
|
ATMEL[ATMEL Corporation] Atmel Corp.
|
ADSP-2195MBCA-140 ADSP-2195MBST-140 ADSP-2195MKCA- |
16-bit Fixed-Point DSP, 160 MIPS, 80 Kbytes RAM ADSP-2195 16-bit Fixed-Point DSP 140MHz; on-chip SRAM: 1.3M bit; DSP microcomputer 160MHz; on-chip SRAM: 1.3M bit; DSP microcomputer
|
Analog Devices
|
CS495303-CVZ CS495303-DVZ CS495313-CQZ CS495313-CV |
32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
|
Cirrus Logic
|
ADSP-21992 ADSP-21992YST ADSP-21992YBC |
Mixed-Signal DSP Controller with CAN 16-BIT, 150 MHz, OTHER DSP, PBGA196
|
Analog Devices, Inc.
|
ADSP-2192 ADSP-219212MKST160 ADSP-2192M |
16-bit Fixed-Point DSP For Multichannel Applications DSP Microcomputer
|
ANALOG DEVICES INC Analog Devices, Inc.
|