PART |
Description |
Maker |
Q62702-F722 BFP23 BFP26 Q62702-F622 |
PNP Silicon Transistor with high Reve... From old datasheet system PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
|
Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
BCX79-IX BCX79-VII BCX79-VIII BCX79-X Q62702-C718 |
From old datasheet system PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage) 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage) 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 RES,SMC,681,0HM,1/4W/1%,1 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage) 自动对焦进步党硅晶体管(高电流增益低集电极发射极饱和电压
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
BC808-16 BC808-25 BC808-40 Q62702-C1689 BC807 BC80 |
From old datasheet system SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO TFP-100B; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PTQP0100KA-A PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 进步党硅晶体管自动对焦(自动对焦对于一般应用高集电极电流的高电流增益)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG Fairchild Semiconductor, Corp.
|
2N5415 2N5416 |
PNP high-voltage transistors
|
Philips Semiconductors
|
BF821 BF821215 BF821-BF823-15 |
PNP high-voltage transistors
|
NXP Semiconductors N.V.
|
BF423L BF421L |
PNP high-voltage transistors
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
BC638ZL1 BC636-16ZL1 BC640 BC640ZL1 BC636 BC636-16 |
Transistor Silicon Plastic PNP High Current Transistors PNP Silicon High Current Transistors(PNP Silicon) High Current Transistors 500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ONSEMI[ON Semiconductor]
|
BFN37 BFN39 |
PNP Silicon High-Voltage Transistors
|
Infineon Technologies AG
|
BF493 BF492 BF491 |
PNP SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS High Voltage Video Amplifier
|
Rectron Semiconductor
|
2N5680 2N5681NPN 2N5680PNP |
PNP/NPN HIGH VOLTAGE SILICON TRANSISTORS
|
Continental Device Indi...
|
2N5096A 2N5091A 2N5093A 2N5094A |
HIGH VOLTAGE SILICON DIFFUSED PNP TRANSISTORS
|
SSDI[Solid States Devices, Inc]
|