PART |
Description |
Maker |
MIC37101-1.5BM MIC37101-1.5YM MIC37101-1.65BM MIC3 |
1.65 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 1A LOW VOLTAGE U CAP LDO REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 1A LOW VOLTAGE U CAP LDO REGULATOR 1.65 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 1A LOW VOLTAGE U CAP LDO REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 1A LOW VOLTAGE U CAP LDO REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 1A LOW VOLTAGE U CAP LDO REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 FPGA 1600000 SYSTEM GATE 1.8 VOLT - NOT RECOMMENDED for NEW DESIGN ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
LT1521CST-3TR LT1521CMS8-3TRPBF LT1521CS8-3TR LT15 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.8 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO4 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO4
|
Linear Dimensions Semic... Linear Dimensions Semiconductor LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LT1121CZ-5PBF LT1121CZ-5TRPBF LT1121IZ-5PBF LT1121 |
Micropower Low Dropout Regulators with Shutdown; Package: TO-92; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PBCY3 Micropower Low Dropout Regulators with Shutdown; Package: TO-92; No of Pins: 3; Temperature Range: 0°C to 70°C 3.8 V-30 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PBCY3 Micropower Low Dropout Regulators with Shutdown; Package: TO-92; No of Pins: 3; Temperature Range: -40°C to 85°C 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PBCY3 Micropower Low Dropout Regulators with Shutdown; Package: TO-92; No of Pins: 3; Temperature Range: -40°C to 85°C 3.8 V-30 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PBCY3 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.8 V-30 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO4 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.8 V-30 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1575CN8-2.8 LT1577CS-ADJ/ADJ LT1575CS8-3.5 LT157 |
Ultrafast Transient Response, Low Dropout Regulators Adjustable and Fixed CAP ELECT 22UF 35V HC SMD 3.3 V FIXED POSITIVE LDO REGULATOR, PDIP8 CAP 3.3UF 50V ELECT VS BI-POLAR 2.8 V FIXED POSITIVE LDO REGULATOR, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection CAP ELECT 220UF 35V HC SMD CAP 100UF 10V ELECT TG SMD CAP 220UF 10V ELECT TG SMD Circular Connector; MIL SPEC:MIL-DTL-38999 Series I; Body Material:Metal; Series:LJT; No. of Contacts:19; Connector Shell Size:15; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No CAP ELECT 47UF 25V HC SMD
|
http:// Linear Technology, Corp. 固定正电压单路输出LDO稳压 Linear Technology Corporation
|
LTC1844-1.8 1844IA LTC1844ES5-1.8 LTC1844ES5-2.5 L |
150mA, Micropower, Low Noise, VLDO Linear Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 Hex Inverter 14-SOIC -40 to 85 150mA/ Micropower/ Low Noise/ VLDO Linear Regulator 150mA Micropower, Low Noise, Ultralow Dropout LDO From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
XC6212D302ML XC6212D302MR XC6212D30AML XC6212D30AM |
DIODE SWITCHING 75V 150MA 0603 CAP CERAMIC 22PF 25V NP0 0201 High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control From old datasheet system
|
TOREX SEMICONDUCTOR LTD. TOREX[Torex Semiconductor]
|
MIC5238-1.1BD5 MIC5238-1.1BM5 MIC5238-1.3BD5 MIC52 |
Ultra-Low Quiescent Current, 150mA Cap LDO Regulator 1.1 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO6 Ultra-Low Quiescent Current, 150mA Cap LDO Regulator 1.3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO6 Ultra-Low Quiescent Current, 150mA uCap LDO Regulator Ultra-Low Quiescent Current 150mA ?Cap LDO Regulator Ultra-Low Quiescent Current, 150mA ?Cap LDO Regulator Ultra-Low Quiescent Current/ 150mA Cap LDO Regulator
|
Micrel Semiconductor, Inc. MICREL[Micrel Semiconductor]
|
MIC5253 MIC5253-1.85BC5 MIC5253-1.8BC5 MIC5253-2.6 |
100mA Low Noise µCap Teeny LDO 100mA Low Noise UCap Teeny LDO 3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
LT1763IDE-1.5 LT1763IDE-1.5-PBF LT1763IDE-1.5-TR L |
500mA, Low Noise, LDO Micropower Regulators; Package: SO; No of Pins: 7; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 4 X 3 MM, 0.75 MM HEIGHT, LEAD FREE, PLASTIC, MO-229WGED, DFN-12 500mA, Low Noise, LDO Micropower Regulators; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C 2.5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 500mA, Low Noise, LDO Micropower Regulators; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C 1.22 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 500mA, Low Noise, LDO Micropower Regulators; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 500mA, Low Noise, LDO Micropower Regulators; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 1.5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 1.22 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1762 LT1762-5 LT1762-3.3 LT1762-3 LT1762-2.5 LT1 |
150mA, Low Noise, LDO Micropower Regulators(3.3V输出50mA,低噪声,低压差稳压器) 150mA的,低噪声,LDO的微功耗稳压器3.3V的输出,50mA,低噪声,低压差稳压器) 150mA, Low Noise, LDO Micropower Regulators(2.5V输出50mA,低噪声,低压差稳压器)
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
SP6200EM5-1.5 SP6200EM5-1.5_TR SP6200EM5-1.8 SP620 |
Micropower, 100mA and 200mA CMOS LDO Regulators Micropower / 100mA and 200mA CMOS LDO Regulators TRIMMER, 25 TURN 1M
|
SIPEX[Sipex Corporation] http://
|
AAT3239 |
500mA MicroPower LDO
|
Analogic Tech
|
|