PART |
Description |
Maker |
Z9264-B |
Magnetics for IR Dimming Ballast IC
|
Coilcraft lnc.
|
PT5631-D PT5631-S PT563110 |
Dimming Ballast Controller IC
|
Princeton Technology Corp
|
ML4833 ML4833CP ML4833CS |
Electronic Dimming Ballast Controller
|
MICRO-LINEAR[Micro Linear Corporation]
|
IRPLDIM1U IR21592 IRPLDIM1 |
Dimming Ballast Control IC Design Kit
|
IRF[International Rectifier]
|
IRPLCFL8U |
Simplified Three Level Dimming CFL Fluorescent Ballast using the IRS2530D DIM8TM
|
International Rectifier
|
IR21593PBF IR21592STRPBF |
0.5 A FLUORESCENT LIGHT CONTROLLER, 230 kHz SWITCHING FREQ-MAX, PDIP16 DIMMING BALLAST CONTROL IC
|
International Rectifier
|
AM29821DM AM29825DM AM29823DM AM29821DC AM29821A/B |
10-Bit D-Type Flip-Flop 300V 1 Form A Photo Voltaic Relay in a mod. 8-pin DIP Package; A PVA3324N with Standard Packaging Complete Sensorless Drive Design Platform iMOTION Development System; A IRMCS2031 with Standard Packaging High-voltage DC-DC buck converter for HB-LEDs constant current control; A IRPLLED1 with Standard Packaging 9-Bit D-Type Flip-Flop 20V 1 Form A Photo Voltaic Relay in a 6-pin DIP Package; A PVN012 with Standard Packaging Halogen Convertor, 220/230VAC Input, 12VAC Output, 100VA Max; A IRPLHALO1E with Standard Packaging 250V 1 Form A Photo Voltaic Relay in a 6-pin SMT Package; A PVT312LS with Tape and Reel Packaging Digital dimming DALI (Digital Addressable Lighting Interface) compliant lighting linear ballast with 1% dimming, IR2159, U.S. version, 120VAC line, 32W/T8 lamp; A IRPLDIM2U with Standard Packaging A 3-Way CFL Dimming Ballast; A IRPLCFL4 with Standard Packaging 10位D型触发器 Octal D-Type Flip-Flop 八路D类触发器
|
Analog Devices, Inc.
|
PSB2197-TV1.1 |
Smartlink-P (Subscriber Access Contro...
|
Infineon
|
NCL30051DR2G |
PFC and Half-Bridge Resonant Combo Contro for LED Lighting
|
ON Semiconductor
|
IR2520D IR2520DS IR2520S |
600V Ballast Controller IC with Adaptive Zero-Voltage Switching, Internal Crest Factor Over-Current Protection and an Integrated Bootstrap Diode in a 8-Pin Dip package. 600V Ballast Controller IC with Adaptive Zero-Voltage Switching, Internal Crest Factor Over-Current Protection and an Integrated Bootstrap Diode in a 8-Pin SOIC package. IC,BALLAST/BACKLIGHTCONTROLLER/DRIVER,DIP,8PIN,PLASTIC
|
International Rectifier ir
|
LT1768 |
High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime High Power CCFL Controller with Multimode Dimming
|
Linear Technology
|