PART |
Description |
Maker |
XC9536-5VQ44C XC9536 XC9536-10 XC9536-10CS48C XC95 |
XC9536: 5V ISP CPLD Family Product Specification From old datasheet system XC9536 In-System Programmable CPLD FLASH PLD, 5 ns, PBGA48 XC9536 In-System Programmable CPLD XC9536在系统可编程的CPLD XC9536 In-System Programmable CPLD FLASH PLD, 10 ns, PQCC44 XC9536 In-System Programmable CPLD FLASH PLD, 15 ns, PQCC44
|
XILINX[Xilinx, Inc] Xilinx, Inc. XILINX INC
|
ST4842XCQQ ST2642XCVV ST2642XCNV ST2731XCVV ST4742 |
IC MAX 9000 CPLD 560 208-RQFP FPGA, FLEX 10KV, 50K GATES, RQFP240; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K50V; Voltage, supply:3.3V; Case style FPGA, FLEX 10KA, 10K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K10A; Voltage, supply:3.3V; Case style ACEX 1K FPGA, 30K, 1K30, PQFP208; Logic IC family:Programmable; Logic IC Base Number:30; Logic IC function:Programmable; Case style:PQFP; Base number CPLD. MAX 7000, 256 MACROCELLS, PQFP208; Logic IC family:CPLD (EPLD); Logic IC Base Number:7256; Logic IC function:EPM7256AE; Voltage, supply:3.3V FPGA, ACEX 1K, 10K GATES, TQFP100; Logic IC family:Programmable; Logic IC Base Number:10; Logic IC function:EP1K10; Voltage, supply:2.50V; Case style:TQFP; Base number:1; Gates, No. of:10000; I/O lines, No. of:66; IC Generic RoHS Compliant: Yes MAX 3000A CPLD 128 MC 144-TQFP MAX 3000A CPLD 32 MC 44-PLCC MAX II CPLD 1270 LE 256-FBGA CPLD. MAX 7000, 192 MACROCELLS, PQFP160; Logic IC family:CPLD (EPLD); Logic IC Base Number:7192; Logic IC function:EPM7192S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3750; I/O lines, No. of:124; Macrocells, No. of:192; RoHS Compliant: Yes MAX II CPLD 240 LE 100-TQFP MAX 7000 CPLD 32 MC 44-PLCC CPLD 256CELLS 161/O 10NS [256/FBGA] CPLD. MAX 7000, 160 MACROCELLS, PQFP160; Logic IC family:CPLD (EPLD); Logic IC Base Number:7160; Logic IC function:EPM7160S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3200; I/O lines, No. of:104; Macrocells, No. of:160; RoHS Compliant: Yes IC ACEX 1K FPGA 50K 256-FBGA 通信集成电路 IC ACEX 1K FPGA 30K 208-PQFP 通信集成电路
|
Carlo Gavazzi
|
XC2C128 XC2C512 XC2C256 |
COOLRUNNER-II CPLD FAMILY
|
Xilinx, Inc
|
SC9500XV |
XC9500XV Family High-Performance CPLD
|
Xilinx Inc XILINX[Xilinx, Inc]
|
EP910I EP1810 EP910 EP610 EP610I EP910LC-30 |
CPLD, EP910 Family, ECMOS Process, 450 Gates, 24 Macro Cells, 24 Reg., 24 User I/Os, 5V Supply, 30 Speed Grade, 44LDCC The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
|
Altera Corporation
|
EPM706B4 EPM706B4S EPM7192E EPM7160S EPM7192S EPM7 |
IC MAX 7000 CPLD 128 84-PLCC PROGRAMMABLE LOGIC DEVICE FAMILY
|
ALTERA[Altera Corporation]
|
DCG-10-4TNC DCG-10-4 DCG-10-4BNC DCG-10-4N DCG-10- |
11 dB Directional Coupler 30 - 1000 MHz 11分贝定向耦合0 - 1000兆赫 SM IC/M4A5-128 TQFP100 CPLD 11分贝定向耦合0 - 1000兆赫 MACH4 ISP EEPLD, PQFP100, 5.25V; Logic IC family:Programmable CPLD; Logic IC function:Programmable ISP; Voltage, supply:5.25V; Case style:PQFP; Base number:4; Flip-flops, No. of:192; Gate equivalents, No. of:5000; Inputs, No. of:64;
|
3M Company M/A-COM Technology Solutions, Inc. MACOM[Tyco Electronics]
|
EP1K30 EP1K100 EP1K30QC208-3 EP1K30QC208-2 EP1K30Q |
From old datasheet system Programmable Logic Family Simple PLD - Datasheet Reference Programmable Logic Device Family
|
ETC[ETC] Altera Corp
|
CY7C373I |
UltraLogic 64-Macrocell Flash CPLD(超逻辑4 宏单元闪CPLD) From old datasheet system
|
Cypress Semiconductor Corp.
|
XCR3128-15VQ84C XCR3128-15VQ84I XCR3128-15VQ128I X |
XCR3128: 128 Macrocell CPLD XCR312828个宏单元CPLD XCR3128: 128 Macrocell CPLD EE PLD, 10 ns, PQFP160 XCR3128: 128 Macrocell CPLD EE PLD, 10 ns, PQFP100 XCR3128: 128 Macrocell CPLD EE PLD, 15 ns, PQFP100 XCR3128: 128 Macrocell CPLD XCR3128128个宏单元CPLD
|
Xilinx, Inc.
|
XC95144-7PQG100C XC95144-10PQG100C XC95144-15PQG10 |
XC95144-10TQG100C XC95144-7PQG160C 144 MACROCELL 5 VOLT ISP CPLD FLASH PLD, 10 ns, PQFP160 In-System Programmable CPLD Enhanced pin-locking architecture
|
XILINX INC Xilinx, Inc.
|
ATF1502ASV ATF1502ASVNBSP |
Highperformance EEPROM CPLD 32 Macrocell with ISP, 3-volt and low-power From old datasheet system
|
ATMEL Corporation
|
|