PART |
Description |
Maker |
08-55-0105 08-56-0108 08-50-0108 |
KK 156 TERMINAL CRIMP 22-26 AWG GOLD BRASS, WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):26-22; Contact Material:Brass RoHS Compliant: Yes BRASS, GOLD FLASH FINISH, WIRE TERMINAL CRIMP PIN, 22-28AWG PK100 BRASS, TIN FINISH, WIRE TERMINAL
|
Molex, Inc.
|
42817-0011 0428170131 |
Solderless Terminal; Wire Size (AWG):12-10 RoHS Compliant: Yes COPPER ALLOY, TIN LEAD FINISH, WIRE TERMINAL MALE CRIMP TERMINAL, 12, 10 & 8AWG MINIFIT SR.
|
Molex, Inc. Molex Electronics Ltd.
|
0008550131 08-55-0131 |
KK? Crimp Terminal, 22-30 AWG, Bag, Selective Gold (Au), Nickel (Ni) Under Plating KK垄莽 Crimp Terminal, 22-30 AWG, Bag, Selective Gold (Au), Nickel (Ni) Under Plating MOLEX Connector
|
Molex Electronics Ltd.
|
0016020116 16-02-0116 70021-0025 |
SL?/a> Crimp Terminal, Series 70021, Male, with 0.76μm (30μ) Selective Gold (Au) Plated Contact, 22-24 AWG, Reel SL Crimp Terminal, Series 70021, Male, with 0.76μm (30μ) Selective Gold (Au) Plated Contact, 22-24 AWG, Reel SL垄芒 Crimp Terminal, Series 70021, Male, with 0.76楼矛m (30楼矛) Selective Gold (Au) Plated Contact, 22-24 AWG, Reel MOLEX Connector
|
Molex Electronics Ltd.
|
0700584084 70058-4084 |
SL?/a> Crimp Terminal 70058, 32-36 AWG, Reel, Tin (Sn), Unplated Edges SL Crimp Terminal 70058, 32-36 AWG, Reel, Tin (Sn), Unplated Edges MOLEX Connector
|
Molex Electronics Ltd.
|
0501258000 50125-8000 |
1.25mm (.049) Pitch PicoBlade Crimp Terminal 50125, 26-28 AWG, Reel 1.25mm (.049") Pitch PicoBlade垄芒 Crimp Terminal 50125, 26-28 AWG, Reel
|
Molex Electronics Ltd.
|
0008560106 08-56-0106 2478-1-L |
3.96mm (.156) Pitch KK? Crimp Terminal 2478, 18-24 AWG, Bag, Brass, 0.51μm (20μ) Selective Gold (Au) 3.96mm (.156") Pitch KK垄莽 Crimp Terminal 2478, 18-24 AWG, Bag, Brass, 0.51楼矛m (20楼矛") Selective Gold (Au)
|
Molex Electronics Ltd.
|
08-52-0124 0008520124 |
Trifurcon?/a> Crimp Terminal 7258, 22-26 AWG, Reel, Phosphor Bronze Tin (Sn) Trifurcon Crimp Terminal 7258, 22-26 AWG, Reel, Phosphor Bronze Tin (Sn) Trifurcon垄芒 Crimp Terminal 7258, 22-26 AWG, Reel, Phosphor Bronze Tin (Sn)
|
Molex Electronics Ltd.
|
0008560110 08-56-0110 |
KK? Crimp Terminal, 22-30 AWG, Bag, Gold (Au), Nickel (Ni) Under Plating KK垄莽 Crimp Terminal, 22-30 AWG, Bag, Gold (Au), Nickel (Ni) Under Plating
|
Molex Electronics Ltd.
|
0357450310 |
Crimp Terminal 35745, 18+18, 20+20 AWG
|
Molex Electronics Ltd.
|
35747-0110 0357470110 |
Crimp Terminal 35747, 20-22 AWG
|
Molex Electronics Ltd.
|
35748-0110 |
Crimp Terminal 35748, 20-22 AWG
|
Molex Electronics Ltd.
|
|