PART |
Description |
Maker |
TLC157R TLC156 TLC154 TLC155 TLC154D TLC154ED TLC1 |
EPROM/ROM-Based 8-Bit Microcontroller Series
|
ETC[ETC]
|
PIC16C55-04_P PIC16C55-04_SO PIC16C55-04_SS PIC16C |
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
|
MICROCHIP[Microchip Technology]
|
ST6280BQ6/GEN ST62T80BQ6 |
ST62T80B/ST62E80B/ST6280B - 8-BIT OTP/EPROM/ROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER 8-BIT MICROCONTROLLER (MCU) WITH 8K OTP, ROM, EPROM, FASTROM WITH LCD DRIVER, EEPROM AND A/D CONVERTER, 100 PINS
|
ST Microelectronics
|
ST90158-ST90135 ST90158M9T1 ST90R158T1 ST90E158P9L |
8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM 8/16-BIT MICROCONTROLLER (MCU) WITH 16 TO 64K ROM, OTP OR EPROM, 512 TO 2K RAM - ST9 FAMILY
|
ST Microelectronics SGS Thomson Microelectronics
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
ST62P52CM6 ST62P52CM3 ST62P52CM1 ST62P52CB6 ST62P5 |
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM 8-BIT MICROCONTROLLER ( MCU ) WITH OTP, ROM, FASTROM, EPROM, A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM (ST62xxx) 8-BIT OTP/EPROM MCUs From old datasheet system
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
16C554 |
EPROM-Based 8-Bit CMOS Microcontroller
|
Microchip Technology
|
PIC16C62X_03 |
EPROM-Based 8-Bit CMOS Microcontrollers
|
MICROCHIP[Microchip Technology]
|
ST90E158 |
8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
|
ST Microelectronics
|