PART |
Description |
Maker |
MAX875 MAX873AESA |
Low-Power, Low-Drift, 2.5V/ 5V/ 10V Precision Voltage References Low-Power, Low-Drift, 2.5V/ 5V/ 10V Precision Voltage References
|
Maxim Integrated Produc...
|
LT1031_05 LH0070 LH0070-0H LH0070-1H LH0070-2H LT1 |
Precision 10V Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, MBCY3
|
http:// LINER[Linear Technology] LINEAR TECHNOLOGY CORP
|
G65SC22PEI3 G65SC22PEI1 G65SC22PEI2 G65SC22PEI4 G6 |
CMOS VERSATILE INTERFACE ADAPTER WITH INTERVAL TIMER/COUNTERS Tantalum Molded Capacitor; Capacitance: 150uF; Voltage: 10V; Case Size: 7.3x4.3 mm; Packaging: Tape & Reel 的CMOS多功能接口适配器间隔计时器/计数 Tantalum Molded Capacitor; Capacitance: 22uF; Voltage: 10V; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 2.2uF; Voltage: 10V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 150uF; Voltage: 10V; Case Size: 7.3x4.3 mm; Packaging: Tape & Reel Peripheral Interface
|
California Micro Devices Co... California Micro Devices Corporation
|
AMS431 AMS431A AMS431AL AMS431AM AMS431AN AMS431AS |
PRECISION ADJUSTABLE SHUNT REGULATOR 精密可调并联稳压 MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:60V; Continuous Drain Current, Id:15A; On-Resistance, Rds(on):0.09ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No 精密可调并联稳压 MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-60V; Continuous Drain Current, Id:10A; On-Resistance, Rds(on):0.28ohm; Rds(on) Test Voltage, Vgs:-10V; Package/Case:TO-252; Leaded Process Compatible:No 精密可调并联稳压
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems]
|
NJU7221 NJU7221L NJU7221L12 NJU7221L15 NJU7221L19 |
10-V Precision Micropower Shunt Voltage Reference, 0.2% accuracy 5-SC70 -40 to 85 HIGH PRECISION C MOS 3 TERMINAL VOLTAGE REGULATOR
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
GBI15M GBI15A GBI15B GBI15D GBI15G GBI15J GBI15K |
Aluminum Polymer SMT Capacitor; Capacitance: 270uF; Voltage: 10V; Case Size: 10x8 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 56uF; Voltage: 10V; Case Size: 6.3x6 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 470uF; Voltage: 10V; Case Size: 10x10 mm; Packaging: Tape & Reel Silicon-Bridge Rectifiers
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor]
|
LT1634 LT1634ACS8-1.25 LT1634ACS8-2.5 LT1634ACS8-4 |
Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PBCY3 Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.25 V, PDSO8 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PBCY3 Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.25 V, PBCY3 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
REF02CP REF02CZ REF02DJ REF02AJ REF02Z REF02 REF-0 |
5V Precision Voltage Reference/Temperature Trangsducer 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, MBCY8 5V Precision Voltage Reference/Temperature Trangsducer THREE TERM VOLTAGE REFERENCE, CDIP8 5V Precision Voltage Reference/Temperature Trangsducer 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, CDIP8 5V Precision Voltage Reference/Temperature Trangsducer 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDIP8 5V Precision Voltage Reference/Temperature Trangsducer 5V的高精度电压基准/温度Trangsducer 5V Precision Voltage Reference/Temperature Trangsducer 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO8 5V Precision Voltage Reference/Temperature Trangsducer
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
NTE1953 |
Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 10V, 1A
|
NTE[NTE Electronics]
|
ADR520 ADR520ART-R2 ADR520ART-REEL7 ADR520BKS-R2 A |
High Precision Shunt Mode Voltage References 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO3 High Precision Shunt Mode Voltage References 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 3 V, PDSO3 High Precision Shunt Mode Voltage References 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PDSO3 ECONOLINE: REC3-S_DRW(Z)/H4,H6 - Safety standards and approval: EN 60950 certified, rated for 250VAV (LVD test report)- Applied for Ul 1950 Component
|
Analog Devices, Inc. AD[Analog Devices]
|
NJU7231 NJU7231F28 NJU7231U52 NJU7231F26 NJU7231F2 |
3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 2.048-V Precision Micropower Shunt Voltage Reference, 0.2% accuracy 3-SOT-23 -40 to 85 高精度的C - MOS三端稳压 High Precision C-MOS 3-Terminal Voltage Regulator
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio] http://
|