PART |
Description |
Maker |
NTMS4P01R2 NTMS4P01R2/D NTMS4P01R2-D |
Power MOSFET -4.5 Amps, -12 Volts P-Channel Enhancement-Mode Single SO-8 Package Receptacle With A Standard Tail Power MOSFET -4.5 Amps-12 Volts
|
ON Semiconductor
|
NTP85N03 NTB85N03 NTB85N03T4 |
Power MOSFET 85 Amps / 28 Volts Power MOSFET 85 Amps, 28 Volts N-Channel TO-220(85A,28V,N通道,TO-220封装的功率MOSFET)
|
ONSEMI[ON Semiconductor]
|
MTB2P50ET4 MTB2P50ET4G MTB2P50E |
Power MOSFET 2 Amps, 500 Volts(2A, 500V功率MOSFET) 2 A, 500 V, 6 ohm, P-CHANNEL, Si, POWER, MOSFET Power MOSFET 2 Amps, 500 Volts P−Channel D2PAK
|
ON Semiconductor
|
NTP6N60-D NTP6N60/D |
Power MOSFET 6 Amps600 Volts Power MOSFET 6 Amps, 600 Volts N-Channel TO-220 and D2PAK
|
ON Semiconductor
|
NTF3055-100 NTF3055-100T3G |
Power MOSFET 3.0 Amps, 60 Volts N-Channel SOT-223(3A,60V逻辑电平,N通道 SOT-223 封装的功率MOSFET) Power MOSFET 3.0 Amps 60 Volts N−Channel
|
ON Semiconductor
|
MMDF3N03HDR2 MMDF3N03HD MMDF3N03HD-D |
Power MOSFET 3 Amps, 30 Volts 4.1 A, 30 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 3 Amps, 30 Volts N-Channel SO-8, Dual
|
ONSEMI[ON Semiconductor]
|
MTD3055VL1 MTD3055VLT4 MTD3055VL MTD3055VL-D |
Power MOSFET 12 Amps, 60 Volts 12 A, 60 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 12 Amps, 60 Volts N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
NTP22N06L NTB22N06L NTP22N06L-D |
Power MOSFET 22 Amps, 60 Volts, Logic Level N-Channel TO-220 and D 2 PAK Power MOSFET 22Amps, 60 Volts,Logic Level N-Channel TO-220(22A, 60 V,逻辑电平,N通道,TO-220封装的功率MOSFET) 22 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
ON Semiconductor
|
NTMS7N03R2 |
Power MOSFET 7 Amps, 30 Volts
|
ONSEMI[ON Semiconductor]
|
NTD15N06 NTD15N06T4 NTD15N06-1 NTD15N06-001 |
Power MOSFET 15 Amps, 60 Volts Power MOSFET 15 Amps / 60 Volts
|
ONSEMI[ON Semiconductor]
|
NTD30N02G |
Power MOSFET 30 Amps, 24 Volts
|
ON Semiconductor
|
|