PART |
Description |
Maker |
2SB1151-T60-T 2SB1151L-T60-T 2SB1412-TN3-F-R 2SB14 |
NPN SILICON TRANSISTOR POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS HIGH VOLTAGE HIGH SPEED SWITCHING BIPOLAR POWER GENERAL PURPOSE TRANSISTOR HIGH VOLTAGE SWITCHING TRANSISTOR LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
CA3183 CA3183A CA3183AE CA3183AM96 CA3183E CA3183M |
From old datasheet system (CA3146 / CA3183) High-Voltage Transistor Arrays High-Voltage Transistor Arrays 5 CHANNEL, VHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, MS-001-BB
|
HARRIS SEMICONDUCTOR INTERSIL[Intersil Corporation] Intersil, Corp.
|
2SC3906K 2SC4102 2SC2389S |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) High-voltage Amplifier Transistor(120V 50mA) Transistors
TRANSISTOR|BJT|NPN|120VV(BR)CEO|50MAI(C)|SOT-23VAR
High-voltage Amplifier Transistor(120V/ 50mA) High-voltage Amplifier Transistor(120V, 50mA) 高电压放大器晶体管(120伏特0mA的)
|
Toshiba Semiconductor ROHM[Rohm] Rohm Co., Ltd.
|
PZT5551-C-AA3-C-R PZT5551L-A-AA3-B-R PZT5551L-B-AA |
HIGH VOLTAGE SWITCHING TRANSISTOR NPN EPITAXIAL SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
|
Unisonic Technologies UTC
|
CMPTA42 CMPTA42NPN CMPTA92PNP CMPTA92 |
SMD Small Signal Transistor PNP High Voltage SILICON COMPLEMENTARY HIGH VOLTAGE TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
CXTA44 |
SMD Small Signal Transistor NPN High Voltage SURFACE MOUNT NPN SILICON HIGH VOLTAGE TRANSISTOR
|
Central Semiconductor Corp
|
CMPT6517 CMPT6520 |
SMD Small Signal Transistor PNP High Voltage COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
2SC5466 |
TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE. DYNAMIC FOCUS, HIGH VOLTAGE SWITCHING AND HIGH VOLTAGE AMPLIFIER APPLICATIONS.
|
TOSHIBA
|
CA3096_04 CA3096 CA3096A CA3096AE CA3096AM CA3096A |
NPN/PNP Transistor Array, High Voltage, Enhanced Icbo, Iceo and Vce(sat) NPN/PNP Transistor Array, High Voltage, General Purpose, Relaxed Parameters NPN/PNP Transistor Arrays 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-012AC 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-001BB
|
INTERSIL[Intersil Corporation]
|
2SC3468 2SC3468L-D |
100 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR LEAD FREE PACKAGE-3 HIGH VOLTAGE TRANSISTOR FOR VIDEO OUTPUT OF HIGH-DEFINITION CRT DISPLAYS
|
Unisonic Technologies Co., Ltd. UTC[Unisonic Technologies]
|
2SC4451 0494 |
NPN Triple Diffused Planar Silicon Transistor 1500V/15mA High-Voltage Amplifier, High-Voltage Switching Applications From old datasheet system
|
Sanyo
|