PART |
Description |
Maker |
LT1185_06 LT1185 LT1185CQ LT1185CT LT1185IQ LT1185 |
Low Dropout Regulator; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 2.5 V-25 V ADJUSTABLE NEGATIVE LDO REGULATOR, 1 V DROPOUT, PSFM5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 2.5 V-25 V ADJUSTABLE NEGATIVE LDO REGULATOR, 1 V DROPOUT, PSSO5
|
LINER[Linear Technology] Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LND-7900 |
NEGATIVE VOLTAGE LOW DROPOUT REGULATORS Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
http:// ETC[ETC] Electronic Theatre Controls, Inc.
|
LT1175 LT1175C LT1175CN8 LT1175CN8-5 LT1175CQ LT11 |
Quadruple 2-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 5 V FIXED NEGATIVE LDO REGULATOR, 0.5 V DROPOUT, PDIP8 500mA Negative Low Dropout Micropower Regulator 5 V FIXED NEGATIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
ADSP-2195MBST-140X ADSP-2195MKST-160X ADSP-2195MBC |
DSP Microcomputer LM2991 Negative Low Dropout Adjustable Regulator; Package: TO-263; No of Pins: 5; Qty per Container: 45; Container: Rail LM2991 Negative Low Dropout Adjustable Regulator; Package: CERDIP; No of Pins: 16; Container: Rail ADSP-2195M: 16-bit Fixed-Point DSP for Telecommunications Applications Preliminary Data Sheet (Rev. PrA. 9/01) LM2991 Negative Low Dropout Adjustable Regulator; Package: CERDIP; No of Pins: 16; Qty per Container: 25; Container: Rail
|
Analog Devices, Inc.
|
G941T25B G941T25T G941T25U G940T22B G941T22B G940T |
3.7V 400mA Low Dropout Regulator 3.7 V, 400 mA low dropout regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
Global Mixed-mode Techn... Global Mixed-mode Technology Inc. GMT[Global Mixed-mode Technology Inc]
|
SC1133 SC1133CT SC1133CT-3.3 SC1134CT SC1134CT-3.3 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection COMBINATION SWITCHING CONTROLLER AND LOW DROPOUT REGULATOR
|
SEMTECH[Semtech Corporation]
|
APL1582 APL1582FC-TR APL1582FC-TU APL1582GC-TR APL |
DUAL INPUT LOW DROPOUT REGULATOR Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护
|
ANPEC Electronics Corporation Anpec Electronics Coropration Anpec Electronics, Corp.
|
LX8815 LX8815-2500CDF LX8815-2800CDF LX8815-3300CD |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护 Dual Channel 1A Low Dropout Regulator
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
LX8817-2500CDF LX8817 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection Dual Channel 2.5A Low Dropout Regulator
|
Microsemi Corporation
|
TK11900 TK11900M TK11900MTL TK11900MTL_GO TK11900M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE LOW DROPOUT REGULATOR
|
TOKO Inc. TOKO[TOKO, Inc]
|
G903T66U G903 G903T61B G903T61T G903T61U G903T62B |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3V 600mA Low Dropout Regulator
|
Global Mixed-mode Technology Inc. GMT[Global Mixed-mode Technology Inc]
|
G930 G931T24U G930T21B G930T21T G930T21U G930T22B |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.5V 400mA Low Dropout Regulator
|
Global Mixed-mode Technology Inc. GMT[Global Mixed-mode Technology Inc]
|