PART |
Description |
Maker |
LXO-AT2N40MHZB/M LXO-AT2N40MHZB/I LXO-AT2N40MHZA/M |
16Kb Serial I2C 3V F-RAM Memory (AEC-Q100 Grade 3) F-RAM Enhanced 8051 MCU with 64KB Flash & 2KB F-RAM 4Kbit Serial SPI 5V F-RAM Memory 64Kbit F-RAM Processor Companion with RTC 16Kbit Serial SPI 5V F-RAM Memory (AEC-Q100 Grade 3) Peripheral IC 外围芯片
|
Mitsubishi Electric, Corp. TE Connectivity, Ltd.
|
M28W231 |
2Mbit (256Kb x8, Boot Block) Low Voltage Flash Memory(2Mb低压闪速存储器)
|
意法半导
|
A25L20PUQ-UF A25L05P A25L05PT-F A25L05PTM-F A25L05 |
2Mbit / 1Mbit / 512Kbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
|
AMICC[AMIC Technology]
|
EN71NS032A0 EN71NS032A0-9DCWP EN71NS032A0-7DCWP |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 1.8 Volt-only Burst Simultaneous Operation, Multiplexed Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
EN71GL064B0 EN71GL064B0-70CWP |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 64 Megabit (4M x 16-bit) CMOS 3.0 Volt-only Page Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
AM29F002BT-90ED AM29F002BB-70ED AM29F002NBB-70PD |
Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:2Mbit; Package/Case:48-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:90ns; Series:AM29 RoHS Compliant: Yes 256K X 8 FLASH 5V PROM, 70 ns, PDSO32 Flash Memory IC; Package/Case:32-DIP; Supply Voltage Max:5V; Access Time, Tacc:70ns RoHS Compliant: Yes
|
SPANSION LLC
|
AM41DL16X4D AM41DL1614DT70IS SPANSIONLLC-AM41DL162 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA69 Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
http:// ADVANCED MICRO DEVICES INC SPANSION LLC Advanced Micro Devices, Inc.
|
WM72016-6-DGTR |
16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
|
Cypress Semiconductor
|
AM42DL640AH70IS AM42DL640AH70IT AM42DL640AH85IS |
64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion Inc. Spansion, Inc.
|