PART |
Description |
Maker |
BTA204SERIESBANDC BTA204-600E BTA204 BTA204-800C B |
Three quadrant triacs high commutation(三象限双向高换向可控 三象限晶闸管高减刑(三象限双向高换向可控硅) Three quadrant triacs guaranteed commutation Threequadranttriacshighcommutation
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
PHILIPS
|
BT136M-500 BT136M-500F BT136M-500G BT136M-600 BT13 |
Triacs 双向可控 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs(双向可控 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 DIODE ZENER DUAL COMMON-ANODE 300mW 8.2Vz 5mA-Izt 0.05 0.1uA-Ir 6 SOT-23 3K/REEL RECTIFIER SCHOTTKY SINGLE 0.5A 20V 5.5A-Ifsm 0.385Vf 0.25A-IR SOD-123 3K/REEL Octal Registered Transceivers with 3-State Outputs 24-SOIC -40 to 85 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT138X-500 BT138X-500F BT138X-500G BT138X-600 BT13 |
Triacs(双向可控 500 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors] http://
|
BTA208B BTA208B-800C NXPSEMICONDUCTORS-BTA208-600C |
Three quadrant triacs high commutation Three quadrant triacs high commutation(三象限双向高换向可控 800 V, 8 A, SNUBBERLESS TRIAC, TO-263
|
NXP Semiconductors N.V. Philips Semiconductors
|
BT138-800 BT138-800F BT138-800G BT138 BT138-500 BT |
Triacs sensitive gate CAP, 0.1UF, 100V, 5%, POLYESTER Triacs(双向可控 Octal Buffers and Line Drivers with 3-State Outputs 20-CFP -55 to 125 600 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Octal Bus Transceivers with 3-State Outputs 20-LCCC -55 to 125 800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
BTB16-600BW |
Three quadrant triacs
|
HAOPIN
|
MAC97 MAC97A8RLRM MAC97A8RLRMG MAC97A8RLRP MAC97A8 |
Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 400 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 200 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ON Semiconductor
|
BTA204S BTA204S-600B BTA204S-600C BTA204S-800B BTA |
Three-quadrant triacs high commutation
|
NXP Semiconductors
|
BTA204CSERIES BTA204BSERIES |
Three quadrant triacs high commutation
|
Philips
|
BTA216XSERIESB |
Three quadrant triacs high commutation
|
Philips
|
BTA208X-1000B |
Three quadrant triacs high commutation
|
NXP Semiconductors
|