PART |
Description |
Maker |
ATXMEGA128A3 ATXMEGA128A3-AU ATXMEGA128A3-MH ATXME |
8/16-bit AVR XMEGA A3 Microcontroller
|
ATMEL Corporation
|
ATXMEGA32E5-14 ATXMEGA16E5-14 |
8/16-bit Atmel AVR XMEGA Microcontrollers
|
ATMEL Corporation
|
ATXMEGA128A1-14 |
8/16-bit XMEGA A1 Microcontroller
|
ATMEL Corporation
|
ATXMEGA128A1-C7U ATXMEGA384A109 ATXMEGA64A1-C7U AT |
8/16-bit XMEGA A1 Microcontroller
|
http:// ATMEL Corporation
|
ATXMEGA32D4-CU ATXMEGA32D4-MHR ATXMEGA32D4-AU ATXM |
8/16-bit Atmel XMEGA D4 Microcontroller
|
ATMEL Corporation
|
ATXMEGA384C3 ATXMEGA384C3-AU ATXMEGA384C3-AUR ATXM |
8/16-bit Atmel XMEGA C3 Microcontroller
|
ATMEL Corporation
|
SST37VF010 SST37VF010-70-3C-NH SST37VF010-70-3C-PH |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 128K X 8 FLASH 2.7V PROM, 70 ns, PQCC32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 256K X 8 FLASH 2.7V PROM, 90 ns, PDIP32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 64K X 8 FLASH 2.7V PROM, 90 ns, PDSO32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 256K X 8 FLASH 2.7V PROM, 70 ns, PDSO32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 512K X 8 FLASH 2.7V PROM, 90 ns, PQCC32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 256K X 8 FLASH 2.7V PROM, 90 ns, PDSO32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 64K X 8 FLASH 2.7V PROM, 90 ns, PQCC32 DIODE ZENER SINGLE 300 - 350mW 47Vz 2mA-Izt 0.0638 0.1uA-Ir 32.9 SOT-23 3K/REEL 128K X 8 FLASH 2.7V PROM, 90 ns, PQCC32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 128K X 8 FLASH 2.7V PROM, 70 ns, PDSO32 DIODE ZENER SINGLE 300 - 350mW 43Vz 2mA-Izt 0.0698 0.1uA-Ir 30.1 SOT-23 3K/REEL DIODE ZENER SINGLE 300mW 4.3Vz 5mA-Izt 0.0698 3uA-Ir 1 SOT-23 3K/REEL 512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
|
SILICON STORAGE TECHNOLOGY INC Silicon Storage Technology, Inc. SST[Silicon Storage Technology, Inc]
|
AM7969-125/B3A AM7968-125DCB |
CAN AVR UC 128K FLASH MLF/QFN64 INDUS(ASSP AVR) Transmitter 发射
|
Advanced Micro Devices, Inc.
|
C2111 P2111 AM9111C/BVA AM91L11A/BVA AM91L11C/BVA |
Turbo 2 ultrafast high voltage rectifier 10MHZ, SOIC, IND TEMP, 1.8V(MCU AVR) 20MHZ, PDIP, IND TEMP, 5V(MCU AVR) 2MHz, NARROW SOIC, IND TEMP, GREEN,(MCU AVR) 10MHZ, PDIP, IND TEMP, 1.8V(MCU AVR) x4 SRAM x4的SRAM
|
Energizer Holdings, Inc.
|
ATMEGA168PV ATMEGA88PV ATMEGA88PV-10PU ATMEGA88PV- |
8-bit Microcontroller with 4/8/16K Bytes In-System Programmable Flash 10 MHZ, PDIP, IND TEMP, GREEN, 1.8V(MCU AVR) 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP28 10 MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC32
|
ATMEL Corporation Atmel, Corp.
|
|