PART |
Description |
Maker |
63823-8300 |
Hand Crimp Tool for 6.35mm Tab Slip-on Male Crimp Terminals
|
Molex Electronics Ltd.
|
0350409000 350409000 35040-9000 |
1.85mm (.070") Tab Terminal, Male, 16-18 AWG (1.31-0.80mm虏), (.012") ThicknessPre-Tin Plated 1.85mm (.070) Tab Terminal, Male, 16-18 AWG (1.31-0.80mm2), (.012) ThicknessPre-Tin Plated
|
Molex Electronics Ltd.
|
42817-0011 0428170131 |
Solderless Terminal; Wire Size (AWG):12-10 RoHS Compliant: Yes COPPER ALLOY, TIN LEAD FINISH, WIRE TERMINAL MALE CRIMP TERMINAL, 12, 10 & 8AWG MINIFIT SR.
|
Molex, Inc. Molex Electronics Ltd.
|
35725-1900 35725-1810 |
.250 SLIP-ON TAB #10 357251900 BRASS, TAB TERMINAL .250 SLIP ON TAB-16 357251810 BRASS, TIN FINISH, TAB TERMINAL
|
Molex, Inc.
|
0579196902 |
2.29mm (.090) Tab Width Male Terminal, for AVSS 2f mm2;
|
Molex Electronics Ltd.
|
19003-0045 19023-0056 |
.250X.032 94V-0 FEM. FIQD CONT (BB-2206V 2 mm2, PUSH-ON TERMINAL MALE FIQD 14-16 AWG LOOSE 2 mm2, TAB TERMINAL
|
Molex, Inc.
|
16-02-0107 |
TERMINAL, MALE CRIMP
|
Electronic Theatre Controls, Inc.
|
35417-9802 |
1.27mm (.050) Tab Terminal, Brass, Wire Range 18-22 AWG (0.85-0.30mm2), Pre-Tin Plated, Larger Conductor Crimp Area
|
http://
|
SD-49702-001 49702-6802 0497026802 |
2.28mm (.090") Tab-Type Female Crimp Terminal, Low Insertion Force Type, Middle Size, Tin Plated, AVSS 2.28mm (.090) Tab-Type Female Crimp Terminal, Low Insertion Force Type, Middle Size, Tin Plated, AVSS
|
Molex Electronics Ltd.
|
0002066118 1560 02-06-6118 |
1.57mm (.062) Diameter, Standard .062 Pin and Socket Crimp Terminal, Series 1560,Male, with Selective Gold (Au) Plated Brass Contact, Tin/Lead Plated Crimp Area,18-24 AWG, Reel 1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1560,Male, with Selective Gold (Au) Plated Brass Contact, Tin/Lead Plated Crimp Ar MOLEX Connector
|
Molex Electronics Ltd.
|
0197134003 197134003 19713-4003 |
PCB Tab Right Angle Quick Disconnect, Male, for Wire, Metal Strip, Tab 6.35mm
|
Molex Electronics Ltd.
|
|