PART |
Description |
Maker |
TC7106A TC7106ACPL TC7106AIJL TC7107 TC7107AIPL TC |
3-1/2 digit analog-to-digital converters with drives LED The TC7106A and TC7107A 3-1/2 digit direct-display drive analog-to-digital converters allow existing 7106/7107 based systems to be upgraded. Each device has a precision reference with a 20ppm/°C max temperature coefficient. This repre 3-1/2 digit analog-to-digital converters with drives LCD
|
MICROCHIP[Microchip Technology]
|
STFI26N60M2 |
LCC converters, resonant converters
|
STMicroelectronics
|
SXE15-48S2V5J SXE15 SXE15-48S3V3J SXE15-48S05J SXE |
DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters 1
|
Emerson Network Power
|
S7AH-03A S7AH-03A150 S7AH-03A180 V7AH-03A500 S7AH- |
Non-Isolated DC/DC Converters 非隔离式DC / DC转换 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
MAX856-MAX859 MAX859CSA MAX859CUA MAX859ESA MAX859 |
3-Line To 8-Line Decoders/Demultiplexers 16-CDIP -55 to 125 3.3V/5V or Adjustable-Output / Step-Up DC-DC Converters 8-Line To 3-Line Priority Encoders 16-CFP -55 to 125 3.3V/5V or Adjustable-Output Step-Up DC-DC Converters 3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters 3.3V/5V or Adjustable Output, Step-Up DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
719-0401-01 719-0400-01 717-0501-01 |
200mA Step-Up Converters in 6-Pin SOT23 and TDFN STECKER EINBAU XLR AUDIO SCHWARZ 4POLIG Wide-Input 0.6V Shunt Regulators for Isolated DC-DC Converters STECKER EINBAU XLR音频POLIG
|
TE Connectivity, Ltd.
|
AD9712 AD9713 AD9712JP AD9712JN AD9713JN AD9713JP |
12 BIT 100 MSPS D/A CONVERTERS 12-BIT, 100MSPS D/A CONVERTERS
|
Analog Devices, Inc.
|
TCM828 TCM828ECT TCM829 TCM829ECT TCM828ECT713 |
Switched Capacitor Voltage Converters The TCM828/829 are CMOS "charge-pump" voltage converters in ultra-small 5-Pin SOT-23A packages. They invert and/or double an input voltage which can range from 1.5V to 5.5V. Conversion efficiency is typically >95%. Switching frequency
|
http:// MICROCHIP[Microchip Technology]
|
FC150S6R5 FC050S6R59 FC150S6R59 FC050S6R5 |
POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W Power Modules DC/DC Converters
|
ETC[ETC] Agere
|
HD74HC4520 HD74HC4518 |
Dual BCD Use Converters/Dual Binary Up Converters
|
HITACHI[Hitachi Semiconductor]
|
TC7116CPL TC7116ACKW TC7116CKW TC7117AIJL TC7117A |
3-1/2 Digit Analog-to-Digital Converters with Hold The TC7116A/TC7117A are 3-1/2 digit CMOS analog-to-digital converters (ADCs)containing all the active components necessary to construct a 0.05% resolution measurement system.Seven-segment decoders, polarity and digit drivers, voltage refer
|
MICROCHIP[Microchip Technology]
|